| Electronic Components Datasheet Search |
|
MF5438AMEP Datasheet(PDF) 23 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MF5438AMEP Datasheet(HTML) 23 Page - Texas Instruments |
|
23 / 100 page ![]() MSP430F5438A-EP www.ti.com SLAS967A – JANUARY 2014 – REVISED JANUARY 2014 TB0 (Link to User's Guide) TB0 is a 16-bit timer/counter (Timer_B type) with seven capture/compare registers. It can support multiple capture/compares, PWM outputs, and interval timing. It also has extensive interrupt capabilities. Interrupts may be generated from the counter on overflow conditions and from each of the capture/compare registers. Table 11. TB0 Signal Connections MODULE DEVICE INPUT PIN DEVICE INPUT MODULE MODULE OUTPUT OUTPUT OUTPUT PIN NUMBER NUMBER SIGNAL INPUT SIGNAL BLOCK SIGNAL SIGNAL 50, M12-P4.7 TB0CLK TBCLK ACLK ACLK Timer NA NA SMCLK SMCLK 50, M12-P4.7 TB0CLK TBCLK 43, J8-P4.0 TB0.0 CCI0A 43, J8-P4.0 ADC12 (internal) 43, J8-P4.0 TB0.0 CCI0B ADC12SHSx = {2} CCR0 TB0 TB0.0 DVSS GND DVCC VCC 44, M9-P4.1 TB0.1 CCI1A 44, M9-P4.1 ADC12 (internal) 44, M9-P4.1 TB0.1 CCI1B ADC12SHSx = {3} CCR1 TB1 TB0.1 DVSS GND DVCC VCC 45, L9-P4.2 TB0.2 CCI2A 45, L9-P4.2 45, L9-P4.2 TB0.2 CCI2B CCR2 TB2 TB0.2 DVSS GND DVCC VCC 46, L10-P4.3 TB0.3 CCI3A 46, L10-P4.3 46, L10-P4.3 TB0.3 CCI3B CCR3 TB3 TB0.3 DVSS GND DVCC VCC 47, M10-P4.4 TB0.4 CCI4A 47, M10-P4.4 47, M10-P4.4 TB0.4 CCI4B CCR4 TB4 TB0.4 DVSS GND DVCC VCC 48, L11-P4.5 TB0.5 CCI5A 48, L11-P4.5 48, L11-P4.5 TB0.5 CCI5B CCR5 TB5 TB0.5 DVSS GND DVCC VCC 49, M11-P4.6 TB0.6 CCI6A 49, M11-P4.6 ACLK (internal) CCI6B CCR6 TB6 TB0.6 DVSS GND DVCC VCC Copyright © 2014, Texas Instruments Incorporated Submit Documentation Feedback 23 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |