Electronic Components Datasheet Search
  English  ▼

X  

MF5438AMEP Datasheet(PDF) 35 Page - Texas Instruments

Part # MF5438AMEP
Description  MIXED SIGNAL MICROCONTROLLER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MF5438AMEP Datasheet(HTML) 35 Page - Texas Instruments

Back Button MF5438AMEP Datasheet HTML 31Page - Texas Instruments MF5438AMEP Datasheet HTML 32Page - Texas Instruments MF5438AMEP Datasheet HTML 33Page - Texas Instruments MF5438AMEP Datasheet HTML 34Page - Texas Instruments MF5438AMEP Datasheet HTML 35Page - Texas Instruments MF5438AMEP Datasheet HTML 36Page - Texas Instruments MF5438AMEP Datasheet HTML 37Page - Texas Instruments MF5438AMEP Datasheet HTML 38Page - Texas Instruments MF5438AMEP Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 100 page
background image
MSP430F5438A-EP
www.ti.com
SLAS967A – JANUARY 2014 – REVISED JANUARY 2014
Table 38. USCI_B1 Registers (Base Address: 0620h)
REGISTER DESCRIPTION
REGISTER
OFFSET
USCI synchronous control 1
UCB1CTL1
00h
USCI synchronous control 0
UCB1CTL0
01h
USCI synchronous bit rate 0
UCB1BR0
06h
USCI synchronous bit rate 1
UCB1BR1
07h
USCI synchronous status
UCB1STAT
0Ah
USCI synchronous receive buffer
UCB1RXBUF
0Ch
USCI synchronous transmit buffer
UCB1TXBUF
0Eh
USCI I2C own address
UCB1I2COA
10h
USCI I2C slave address
UCB1I2CSA
12h
USCI interrupt enable
UCB1IE
1Ch
USCI interrupt flags
UCB1IFG
1Dh
USCI interrupt vector word
UCB1IV
1Eh
Table 39. USCI_A2 Registers (Base Address: 0640h)
REGISTER DESCRIPTION
REGISTER
OFFSET
USCI control 1
UCA2CTL1
00h
USCI control 0
UCA2CTL0
01h
USCI baud rate 0
UCA2BR0
06h
USCI baud rate 1
UCA2BR1
07h
USCI modulation control
UCA2MCTL
08h
USCI status
UCA2STAT
0Ah
USCI receive buffer
UCA2RXBUF
0Ch
USCI transmit buffer
UCA2TXBUF
0Eh
USCI LIN control
UCA2ABCTL
10h
USCI IrDA transmit control
UCA2IRTCTL
12h
USCI IrDA receive control
UCA2IRRCTL
13h
USCI interrupt enable
UCA2IE
1Ch
USCI interrupt flags
UCA2IFG
1Dh
USCI interrupt vector word
UCA2IV
1Eh
Table 40. USCI_B2 Registers (Base Address: 0660h)
REGISTER DESCRIPTION
REGISTER
OFFSET
USCI synchronous control 1
UCB2CTL1
00h
USCI synchronous control 0
UCB2CTL0
01h
USCI synchronous bit rate 0
UCB2BR0
06h
USCI synchronous bit rate 1
UCB2BR1
07h
USCI synchronous status
UCB2STAT
0Ah
USCI synchronous receive buffer
UCB2RXBUF
0Ch
USCI synchronous transmit buffer
UCB2TXBUF
0Eh
USCI I2C own address
UCB2I2COA
10h
USCI I2C slave address
UCB2I2CSA
12h
USCI interrupt enable
UCB2IE
1Ch
USCI interrupt flags
UCB2IFG
1Dh
USCI interrupt vector word
UCB2IV
1Eh
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com