Electronic Components Datasheet Search
  English  ▼

X  

MF5438AMEP Datasheet(PDF) 85 Page - Texas Instruments

Part # MF5438AMEP
Description  MIXED SIGNAL MICROCONTROLLER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MF5438AMEP Datasheet(HTML) 85 Page - Texas Instruments

Back Button MF5438AMEP Datasheet HTML 81Page - Texas Instruments MF5438AMEP Datasheet HTML 82Page - Texas Instruments MF5438AMEP Datasheet HTML 83Page - Texas Instruments MF5438AMEP Datasheet HTML 84Page - Texas Instruments MF5438AMEP Datasheet HTML 85Page - Texas Instruments MF5438AMEP Datasheet HTML 86Page - Texas Instruments MF5438AMEP Datasheet HTML 87Page - Texas Instruments MF5438AMEP Datasheet HTML 88Page - Texas Instruments MF5438AMEP Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 100 page
background image
P7SEL.x
1
0
P7DIR.x
P7IN.x
EN
Module X IN
1
0
Module X OUT
P7OUT.x
1
0
DV
SS
DV
CC
P7REN.x
Pad Logic
1
P7DS.x
0: Low drive
1: High drive
D
Bus
Keeper
To ADC12
P7.4/A12
P7.5/A13
P7.6/A14
P7.7/A15
INCHx = y
MSP430F5438A-EP
www.ti.com
SLAS967A – JANUARY 2014 – REVISED JANUARY 2014
Port P7, P7.4 to P7.7, Input/Output With Schmitt Trigger
Table 54. Port P7 (P7.4 to P7.7) Pin Functions
CONTROL BITS/SIGNALS(1)
PIN NAME (P7.x)
x
FUNCTION
P7DIR.x
P7SEL.x
INCHx
P7.4/A12
4
P7.4 (I/O)
I: 0; O: 1
0
X
A12(2) (3)
X
X
12
P7.5/A13
5
P7.5 (I/O)
I: 0; O: 1
0
X
A13(4) (5)
X
X
13
P7.6/A14
6
P7.6 (I/O)
I: 0; O: 1
0
X
A14(4) (5)
X
X
14
P7.7/A15
7
P7.7 (I/O)
I: 0; O: 1
0
X
A15(4) (5)
X
X
15
(1)
X = Don't care
(2)
Setting the P7SEL.x bit disables the output driver as well as the input Schmitt trigger to prevent parasitic cross currents when applying
analog signals.
(3)
The ADC12_A channel Ax is connected internally to AVSS if not selected via the respective INCHx bits.
(4)
Setting the P7SEL.x bit disables the output driver as well as the input Schmitt trigger to prevent parasitic cross currents when applying
analog signals.
(5)
The ADC12_A channel Ax is connected internally to AVSS if not selected via the respective INCHx bits.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com