Electronic Components Datasheet Search
  English  ▼

X  

MF5438AMEP Datasheet(PDF) 24 Page - Texas Instruments

Part # MF5438AMEP
Description  MIXED SIGNAL MICROCONTROLLER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MF5438AMEP Datasheet(HTML) 24 Page - Texas Instruments

Back Button MF5438AMEP Datasheet HTML 20Page - Texas Instruments MF5438AMEP Datasheet HTML 21Page - Texas Instruments MF5438AMEP Datasheet HTML 22Page - Texas Instruments MF5438AMEP Datasheet HTML 23Page - Texas Instruments MF5438AMEP Datasheet HTML 24Page - Texas Instruments MF5438AMEP Datasheet HTML 25Page - Texas Instruments MF5438AMEP Datasheet HTML 26Page - Texas Instruments MF5438AMEP Datasheet HTML 27Page - Texas Instruments MF5438AMEP Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 100 page
background image
MSP430F5438A-EP
SLAS967A – JANUARY 2014 – REVISED JANUARY 2014
www.ti.com
ADC12_A (Link to User's Guide)
The ADC12_A module supports fast 12-bit analog-to-digital conversions. The module implements a 12-bit SAR
core, sample select control, reference generator, and a 16-word conversion-and-control buffer. The conversion-
and-control buffer allows up to 16 independent ADC samples to be converted and stored without any CPU
intervention.
CRC16 (Link to User's Guide)
The CRC16 module produces a signature based on a sequence of entered data values and can be used for data
checking purposes. The CRC16 module signature is based on the CRC-CCITT standard.
REF Voltage Reference (Link to User's Guide)
The reference module (REF) is responsible for generation of all critical reference voltages that can be used by
the various analog peripherals in the device.
Embedded Emulation Module (EEM) (L Version) (Link to User's Guide)
The EEM supports real-time in-system debugging. The L version of the EEM implemented on all devices has the
following features:
•
Eight hardware triggers or breakpoints on memory access
•
Two hardware trigger or breakpoint on CPU register write access
•
Up to ten hardware triggers can be combined to form complex triggers or breakpoints
•
Two cycle counters
•
Sequencer
•
State storage
•
Clock control on module level
24
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com