Electronic Components Datasheet Search
  English  ▼

X  

MF5438AMEP Datasheet(PDF) 64 Page - Texas Instruments

Part # MF5438AMEP
Description  MIXED SIGNAL MICROCONTROLLER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MF5438AMEP Datasheet(HTML) 64 Page - Texas Instruments

Back Button MF5438AMEP Datasheet HTML 60Page - Texas Instruments MF5438AMEP Datasheet HTML 61Page - Texas Instruments MF5438AMEP Datasheet HTML 62Page - Texas Instruments MF5438AMEP Datasheet HTML 63Page - Texas Instruments MF5438AMEP Datasheet HTML 64Page - Texas Instruments MF5438AMEP Datasheet HTML 65Page - Texas Instruments MF5438AMEP Datasheet HTML 66Page - Texas Instruments MF5438AMEP Datasheet HTML 67Page - Texas Instruments MF5438AMEP Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 100 page
background image
500
550
600
650
700
750
800
850
900
950
1000
-40 -30 -20 -10 0
10 20 30 40 50 60 70 80
AmbientTemperature- ˚C
MSP430F5438A-EP
SLAS967A – JANUARY 2014 – REVISED JANUARY 2014
www.ti.com
12-Bit ADC, Temperature Sensor and Built-In VMID
(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
2.2 V
680
ADC12ON = 1, INCH = 0Ah,
VSENSOR
See (2)
mV
TA = 0°C
3 V
680
2.2 V
2.25
TCSENSOR
ADC12ON = 1, INCH = 0Ah
mV/°C
3 V
2.25
2.2 V
100
Sample time required if
ADC12ON = 1, INCH = 0Ah,
tSENSOR(sample)
µs
channel 10 is selected(3)
Error of conversion result
≤ 1 LSB
3 V
100
AVCC divider at channel 11,
ADC12ON = 1, INCH = 0Bh
0.48
0.5
0.52 VAVCC
VAVCC factor
VMID
2.2 V
1.04
1.1
1.14
AVCC divider at channel 11
ADC12ON = 1, INCH = 0Bh
V
3 V
1.44
1.5
1.56
Sample time required if
ADC12ON = 1, INCH = 0Bh,
tVMID(sample)
2.2 V, 3 V
1000
ns
channel 11 is selected(4)
Error of conversion result
≤ 1 LSB
(1)
The temperature sensor is provided by the REF module. See the REF module parametric IREF+ regarding the current consumption of the
temperature sensor.
(2)
The temperature sensor offset can be significant. A single-point calibration is recommended to minimize the offset error of the built-in
temperature sensor. The TLV structure contains calibration values for 30°C ± 3°C and 85°C ± 3°C for each of the available reference
voltage levels. The sensor voltage can be computed as VSENSE = TCSENSOR * (Temperature,°C) + VSENSOR, where TCSENSOR and
VSENSOR can be computed from the calibration values for higher accuracy. See also the MSP430x5xx and MSP430x6xx Family User's
Guide (SLAU208).
(3)
The typical equivalent impedance of the sensor is 51 k
Ω. The sample time required includes the sensor-on time tSENSOR(on).
(4)
The on-time tVMID(on) is included in the sampling time tVMID(sample); no additional on time is needed.
Figure 17. Typical Temperature Sensor Voltage
64
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com