Electronic Components Datasheet Search
  English  ▼

X  

MF5438AMEP Datasheet(PDF) 49 Page - Texas Instruments

Part # MF5438AMEP
Description  MIXED SIGNAL MICROCONTROLLER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MF5438AMEP Datasheet(HTML) 49 Page - Texas Instruments

Back Button MF5438AMEP Datasheet HTML 45Page - Texas Instruments MF5438AMEP Datasheet HTML 46Page - Texas Instruments MF5438AMEP Datasheet HTML 47Page - Texas Instruments MF5438AMEP Datasheet HTML 48Page - Texas Instruments MF5438AMEP Datasheet HTML 49Page - Texas Instruments MF5438AMEP Datasheet HTML 50Page - Texas Instruments MF5438AMEP Datasheet HTML 51Page - Texas Instruments MF5438AMEP Datasheet HTML 52Page - Texas Instruments MF5438AMEP Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 100 page
background image
MSP430F5438A-EP
www.ti.com
SLAS967A – JANUARY 2014 – REVISED JANUARY 2014
Crystal Oscillator, XT1, High-Frequency Mode
(1)(2)
(continued)
over recommended ranges of supply voltage and TJ = -40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
Integrated effective load
CL,eff
XTS = 1
1
pF
capacitance, HF mode(6)(7)
XTS = 1, Measured at ACLK,
Duty cycle, HF mode
40
50
60
%
fXT1,HF2 = 20 MHz
Oscillator fault frequency,
fFault,HF
XTS = 1(9)
30
300
kHz
HF mode(8)
(6)
Includes parasitic bond and package capacitance (approximately 2 pF per pin).
Since the PCB adds additional capacitance, it is recommended to verify the correct load by measuring the ACLK frequency. For a
correct setup, the effective load capacitance should always match the specification of the used crystal.
(7)
Requires external capacitors at both terminals. Values are specified by crystal manufacturers. In general, an effective load capacitance
of up to 18 pF can be supported.
(8)
Frequencies below the MIN specification set the fault flag. Frequencies above the MAX specification do not set the fault flag.
Frequencies in between might set the flag.
(9)
Measured with logic-level input frequency but also applies to operation with crystals.
Crystal Oscillator, XT2
(1)
over recommended ranges of supply voltage and TJ = -40°C to 85°C (unless otherwise noted)
(2) (3)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
fOSC = 4 MHz, XT2OFF = 0,
XT2BYPASS = 0, XT2DRIVEx = 0,
200
TA = 25°C
fOSC = 12 MHz, XT2OFF = 0,
XT2BYPASS = 0, XT2DRIVEx = 1,
260
TA = 25°C
XT2 oscillator crystal current
IDVCC.XT2
3.0 V
µA
consumption
fOSC = 20 MHz, XT2OFF = 0,
XT2BYPASS = 0, XT2DRIVEx = 2,
325
TA = 25°C
fOSC = 32 MHz, XT2OFF = 0,
XT2BYPASS = 0, XT2DRIVEx = 3,
450
TA = 25°C
XT2 oscillator crystal frequency,
fXT2,HF0
XT2DRIVEx = 0, XT2BYPASS = 0(4)
4
8
MHz
mode 0
XT2 oscillator crystal frequency,
fXT2,HF1
XT2DRIVEx = 1, XT2BYPASS = 0 (4)
8
16
MHz
mode 1
XT2 oscillator crystal frequency,
fXT2,HF2
XT2DRIVEx = 2, XT2BYPASS = 0 (4)
16
24
MHz
mode 2
XT2 oscillator crystal frequency,
fXT2,HF3
XT2DRIVEx = 3, XT2BYPASS = 0 (4)
24
32
MHz
mode 3
XT2 oscillator logic-level square-
fXT2,HF,SW
wave input frequency, bypass
XT2BYPASS = 1(5) (4)
0.7
32
MHz
mode
(1)
Use of crystal oscillator is not ensured above 85°C. It is recommended that an external digital clock source or other internally generated
clock source.
(2)
Requires external capacitors at both terminals. Values are specified by crystal manufacturers. In general, an effective load capacitance
of up to 18 pF can be supported.
(3)
To improve EMI on the XT2 oscillator the following guidelines should be observed.
(a) Keep the traces between the device and the crystal as short as possible.
(b) Design a good ground plane around the oscillator pins.
(c) Prevent crosstalk from other clock or data lines into oscillator pins XT2IN and XT2OUT.
(d) Avoid running PCB traces underneath or adjacent to the XT2IN and XT2OUT pins.
(e) Use assembly materials and praxis to avoid any parasitic load on the oscillator XT2IN and XT2OUT pins.
(f) If conformal coating is used, ensure that it does not induce capacitive or resistive leakage between the oscillator pins.
(4)
This represents the maximum frequency that can be input to the device externally. Maximum frequency achievable on the device
operation is based on the frequencies present on ACLK, MCLK, and SMCLK cannot be exceed for a given range of operation.
(5)
When XT2BYPASS is set, the XT2 circuit is automatically powered down. Input signal is a digital square wave with parametrics defined
in the Schmitt-trigger Inputs section of this datasheet.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com