Electronic Components Datasheet Search
  English  ▼

X  

OPA2227MDREP Datasheet(PDF) 14 Page - Texas Instruments

Part # OPA2227MDREP
Description  HIGH PRECISION, LOW NOISE OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2227MDREP Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA2227MDREP Datasheet HTML 10Page - Texas Instruments OPA2227MDREP Datasheet HTML 11Page - Texas Instruments OPA2227MDREP Datasheet HTML 12Page - Texas Instruments OPA2227MDREP Datasheet HTML 13Page - Texas Instruments OPA2227MDREP Datasheet HTML 14Page - Texas Instruments OPA2227MDREP Datasheet HTML 15Page - Texas Instruments OPA2227MDREP Datasheet HTML 16Page - Texas Instruments OPA2227MDREP Datasheet HTML 17Page - Texas Instruments OPA2227MDREP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Output
NOTE: Use metal film resistors
and plastic film capacitor. Circuit
must be well shielded to achieve
low noise.
Responsivity
2.5 x 10
≈
4V/W
Output Noise
30µVrms, 0.1Hz to 10Hz
≈
Dexter 1M
Thermopile
Detector
100Ω
100kΩ
OPA2227
2
3
1
0.1µF
V
OUT
V
IN
OPA2227
68nF
10nF
33nF
330pF
2.2nF
OPA2227
1.43kΩ
1.91kΩ
2.21kΩ
1.43kΩ
1.1kΩ
1.65kΩ
1.1kΩ
f
N = 13.86kHz
Q = 1.186
f
N = 20.33kHz
f = 7.2kHz
Q = 4.519
dc Gain = 1
2
1
6
3
7
5
OPA2227-EP
SBOS594A – MARCH 2012 – REVISED NOVEMBER 2012
www.ti.com
Figure 8. Three-Pole, 20-kHz Low Pass, 0.5-dB Chebyshev Filter
Figure 9. Long-Wavelength Infrared Detector Amplifier
14
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: OPA2227-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com