Electronic Components Datasheet Search
  English  ▼

X  

OPA2227MDREP Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA2227MDREP
Description  HIGH PRECISION, LOW NOISE OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2227MDREP Datasheet(HTML) 4 Page - Texas Instruments

  OPA2227MDREP Datasheet HTML 1Page - Texas Instruments OPA2227MDREP Datasheet HTML 2Page - Texas Instruments OPA2227MDREP Datasheet HTML 3Page - Texas Instruments OPA2227MDREP Datasheet HTML 4Page - Texas Instruments OPA2227MDREP Datasheet HTML 5Page - Texas Instruments OPA2227MDREP Datasheet HTML 6Page - Texas Instruments OPA2227MDREP Datasheet HTML 7Page - Texas Instruments OPA2227MDREP Datasheet HTML 8Page - Texas Instruments OPA2227MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
1000
10000
100000
1000000
125
130
135
140
145
150
Continuous TJ (
°C)
OPA2227-EP
SBOS594A – MARCH 2012 – REVISED NOVEMBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
At TA = 25°C, VS = ±5 V to ±15 V, RL = 10 kΩ (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TA = -55°C to 125°C
IO = 0 A
±4.30
mA
TEMPERATURE RANGE
Specified temperature range
–55
125
°C
Operating temperature range
–55
125
°C
Storage temperature range
–65
150
°C
xxx
A.
See datasheet for absolute maximum and minimum recommended operating conditions.
B.
Silicon operating life design goal is 10 years at 105°C junction temperature (does not include package interconnect
life).
Figure 1. OPA2227-EP Wirebond Life Derating Chart
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: OPA2227-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com