Electronic Components Datasheet Search
  English  ▼

X  

OPA2227MDREP Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA2227MDREP
Description  HIGH PRECISION, LOW NOISE OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2227MDREP Datasheet(HTML) 5 Page - Texas Instruments

  OPA2227MDREP Datasheet HTML 1Page - Texas Instruments OPA2227MDREP Datasheet HTML 2Page - Texas Instruments OPA2227MDREP Datasheet HTML 3Page - Texas Instruments OPA2227MDREP Datasheet HTML 4Page - Texas Instruments OPA2227MDREP Datasheet HTML 5Page - Texas Instruments OPA2227MDREP Datasheet HTML 6Page - Texas Instruments OPA2227MDREP Datasheet HTML 7Page - Texas Instruments OPA2227MDREP Datasheet HTML 8Page - Texas Instruments OPA2227MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
20
100
1k
10k
20k
0.01
0.001
0.0001
0.00001
Frequency (Hz)
TOTAL HARMONIC DISTORTION + NOISE
vs FREQUENCY
G = 1, R
L = 10kΩ
V
OUT = 3.5Vrms
0.01 0.10
1
10
100
1k
10k 100k
1M 10M 100M
180
160
140
120
100
80
60
40
20
0
–20
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
–200
Frequency (Hz)
OPEN-LOOP GAIN/PHASE vs FREQUENCY
G
φ
1
0.1
10
100
1k
10k
100k
1M
140
120
100
80
60
40
-20
–0
Frequency (Hz)
POWER SUPPLY AND COMMON-MODE
REJECTION RATIO vs FREQUENCY
+CMRR
+PSRR
–PSRR
0.1
10
1
100
1k
10k
100k
10k
1k
100
10
1
Frequency (Hz)
INPUT VOLTAGE AND CURRENT NOISE
SPECTRAL DENSITY vs FREQUENCY
Current Noise
Voltage Noise
10
100
1k
10k
100k
1M
140
120
100
80
60
40
Frequency (Hz)
CHANNEL SEPARATION vs FREQUENCY
Dual and quad devices. G = 1, all channels.
Quad measured Channel A to D, or B to C;
other combinations yield similiar or improved
rejection.
INPUT NOISE VOLTAGE vs TIME
1s/div
OPA2227-EP
www.ti.com
SBOS594A – MARCH 2012 – REVISED NOVEMBER 2012
TYPICAL CHARACTERISTICS
At TA = 25°C, RL = 10 kΩ, VS = ±15 V (unless otherwise noted).
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: OPA2227-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com