Electronic Components Datasheet Search
  English  ▼

X  

OPA2227MDREP Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA2227MDREP
Description  HIGH PRECISION, LOW NOISE OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2227MDREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA2227MDREP Datasheet HTML 2Page - Texas Instruments OPA2227MDREP Datasheet HTML 3Page - Texas Instruments OPA2227MDREP Datasheet HTML 4Page - Texas Instruments OPA2227MDREP Datasheet HTML 5Page - Texas Instruments OPA2227MDREP Datasheet HTML 6Page - Texas Instruments OPA2227MDREP Datasheet HTML 7Page - Texas Instruments OPA2227MDREP Datasheet HTML 8Page - Texas Instruments OPA2227MDREP Datasheet HTML 9Page - Texas Instruments OPA2227MDREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
10
8
6
4
2
0
–2
–4
–6
–8
–10
0
100
150
300
Time from Power Supply Turn-On (s)
WARM-UP OFFSET VOLTAGE DRIFT
50
200
250
VOLTAGE NOISE DISTRIBUTION (10Hz)
Noise (nV/√Hz)
3.16
0
3.25
3.34 3.43
3.51 3.60
3.69 3.78
24
16
8
0
INPUT BIAS CURRENT vs TEMPERATURE
–75
–50
–25
0
25
50
75
100
125
160
150
140
130
120
110
100
90
80
70
60
Temperature ( °C)
A
OL, CMRR, PSRR vs TEMPERATURE
CMRR
PSRR
A
OL
–75
–50
–25
0
25
50
75
100
125
60
50
40
30
20
10
0
Temperature (°C)
SHORT-CIRCUIT CURRENT vs TEMPERATURE
+I
SC
–I
SC
−50
−40
−30
−20
−10
0
10
20
30
40
−60
−40
−20
0
20
40
60
80
100
120
140
Temperature (°C)
−2
−1
0
1
2
3
4
5
6
−60
−40
−20
0
20
40
60
80
100
120
140
Temperature (°C)
INPUT OFFSET CURRENT vs TEMPERATURE
OPA2227-EP
SBOS594A – MARCH 2012 – REVISED NOVEMBER 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = 25°C, RL = 10 kΩ, VS = ±15 V (unless otherwise noted).
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: OPA2227-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com