Electronic Components Datasheet Search
  English  ▼

X  

OPA2227MDREP Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA2227MDREP
Description  HIGH PRECISION, LOW NOISE OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2227MDREP Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA2227MDREP Datasheet HTML 6Page - Texas Instruments OPA2227MDREP Datasheet HTML 7Page - Texas Instruments OPA2227MDREP Datasheet HTML 8Page - Texas Instruments OPA2227MDREP Datasheet HTML 9Page - Texas Instruments OPA2227MDREP Datasheet HTML 10Page - Texas Instruments OPA2227MDREP Datasheet HTML 11Page - Texas Instruments OPA2227MDREP Datasheet HTML 12Page - Texas Instruments OPA2227MDREP Datasheet HTML 13Page - Texas Instruments OPA2227MDREP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
VOLTAGE NOISE SPECTRAL DENSITY
vs SOURCE RESISTANCE
100k
1M
Source Resistance, R
S (Ω)
100
1k
10k
1.00+03
1.00E+02
1.00E+01
1.00E+00
OPA2227
Resistor Noise
Resistor Noise
OPA2227
R
S
E
O
E
O
2 = e
n
2 + (i
n RS)
2 + 4kTR
S
Op Amp
R
1
R
2
R
B = R2 || R1
External Cancellation Resistor
Conventional Op Amp Configuration
OPA2227-EP
SBOS594A – MARCH 2012 – REVISED NOVEMBER 2012
www.ti.com
where RX is either in series with the source or inserted in the feedback path. For example, for a 10-V pulse
(VS = 10 V), total loop resistance must be 500 Ω. If the source impedance is large enough to sufficiently limit the
current on its own, no additional resistors are needed. The size of any external resistors must be carefully
chosen since they will increase noise. See the Noise Performance section of this data sheet for further
information on noise calculation. Figure 2 shows an example implementing a current limiting feedback resistor.
Input Bias Current Cancellation
The input bias current of the OPA2227 is internally compensated with an equal and opposite cancellation current.
The resulting input bias current is the difference between with input bias current and the cancellation current. The
residual input bias current can be positive or negative.
When the bias current is cancelled in this manner, the input bias current and input offset current are
approximately equal. A resistor added to cancel the effect of the input bias current (as shown in Figure 3) may
actually increase offset and noise and is therefore not recommended.
Figure 3. Input Bias Current Cancellation
Noise Performance
Figure 4 shows total circuit noise for varying source impedances with the operational amplifier in a unity-gain
configuration (no feedback resistor network, therefore no additional noise contributions). Two different operational
amplifiers are shown with total circuit noise calculated. The OPA2227 has very low voltage noise, making it ideal
for low source impedances (less than 20 k
Ω). A similar precision operational amplifier, the OPA277, has
somewhat higher voltage noise but lower current noise. It provides excellent noise performance at moderate
source impedance (10 k
Ω to 100 kΩ). Above 100 kΩ, a FET-input op amp such as the OPA132 (very low current
noise) may provide improved performance. The equation is shown for the calculation of the total circuit noise.
Note that en = voltage noise, in = current noise, RS = source impedance, k = Boltzmann’s constant =
1.38 x 10–23 J/K and T is temperature in K. For more details on calculating noise, see “Basic Noise Calculations.”
Figure 4. Noise Performance of the OPA2227 in Unity-Gain Buffer Configuration
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: OPA2227-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com