Electronic Components Datasheet Search
  English  ▼

X  

OPA2227MDREP Datasheet(PDF) 16 Page - Texas Instruments

Part # OPA2227MDREP
Description  HIGH PRECISION, LOW NOISE OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2227MDREP Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA2227MDREP Datasheet HTML 12Page - Texas Instruments OPA2227MDREP Datasheet HTML 13Page - Texas Instruments OPA2227MDREP Datasheet HTML 14Page - Texas Instruments OPA2227MDREP Datasheet HTML 15Page - Texas Instruments OPA2227MDREP Datasheet HTML 16Page - Texas Instruments OPA2227MDREP Datasheet HTML 17Page - Texas Instruments OPA2227MDREP Datasheet HTML 18Page - Texas Instruments OPA2227MDREP Datasheet HTML 19Page - Texas Instruments OPA2227MDREP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
R
5
50kΩ
R
4
2.7kΩ
V
IN
V
OUT
R
6
2.7kΩ
C
1
940pF
C
2
0.0047µF
C
3
680pF
CW
CW
R
2
50kΩ
R
1
7.5kΩ
R
3
7.5kΩ
R
10
100kΩ
R
8
50kΩ
R
7
7.5kΩ
R
9
7.5kΩ
R
11
100kΩ
CW
Bass Tone Control
Midrange Tone Control
Treble Tone Control
1
3
1
2
3
2
1
3
2
1
3
2
OPA2227
OPA2227-EP
SBOS594A – MARCH 2012 – REVISED NOVEMBER 2012
www.ti.com
Figure 11. Three-Band ActiveTone Control (Bass, Midrange and Treble)
16
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: OPA2227-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com