Electronic Components Datasheet Search
  English  ▼

X  

OPA2227MDREP Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA2227MDREP
Description  HIGH PRECISION, LOW NOISE OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2227MDREP Datasheet(HTML) 2 Page - Texas Instruments

  OPA2227MDREP Datasheet HTML 1Page - Texas Instruments OPA2227MDREP Datasheet HTML 2Page - Texas Instruments OPA2227MDREP Datasheet HTML 3Page - Texas Instruments OPA2227MDREP Datasheet HTML 4Page - Texas Instruments OPA2227MDREP Datasheet HTML 5Page - Texas Instruments OPA2227MDREP Datasheet HTML 6Page - Texas Instruments OPA2227MDREP Datasheet HTML 7Page - Texas Instruments OPA2227MDREP Datasheet HTML 8Page - Texas Instruments OPA2227MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
OPA2227-EP
SBOS594A – MARCH 2012 – REVISED NOVEMBER 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
ORDERABLE PART
TA
PACKAGE
TOP-SIDE MARKING
VID NUMBER
TRANSPORT MEDIA
NUMBER
OPA2227MDREP
V62/12610-01XE
Tape and Reel, large
–55°C to
SOIC-8 – D
2227EP
125°C
OPA2227MDEP
V62/12610-01XE-T
Tube
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
Supply voltage
±18
V
Signal input terminals
Voltage
(V–) – 0.7 to (V+) + 0.7
V
Current
20
mA
Output short-circuit (to ground)(2)
Continuous
Operating temperature
-55 to 125
°C
Storage temperature
-65 to 150
°C
Junction temperature
150
°C
Lead temperature (soldering, 10 s)
300
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
One channel per package.
THERMAL INFORMATION
OPA2227
THERMAL METRIC(1)
D
UNITS
8 PINS
θJA
Junction-to-ambient thermal resistance(2)
91.9
θJCtop
Junction-to-case (top) thermal resistance(3)
39.9
θJB
Junction-to-board thermal resistance(4)
40.6
°C/W
ψJT
Junction-to-top characterization parameter(5)
3.9
ψJB
Junction-to-board characterization parameter(6)
39.6
θJCbot
Junction-to-case (bottom) thermal resistance(7)
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA , using a procedure described in JESD51-2a (sections 6 and 7).
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Spacer
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: OPA2227-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com