Electronic Components Datasheet Search
  English  ▼

X  

OPA2227MDREP Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA2227MDREP
Description  HIGH PRECISION, LOW NOISE OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2227MDREP Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA2227MDREP Datasheet HTML 7Page - Texas Instruments OPA2227MDREP Datasheet HTML 8Page - Texas Instruments OPA2227MDREP Datasheet HTML 9Page - Texas Instruments OPA2227MDREP Datasheet HTML 10Page - Texas Instruments OPA2227MDREP Datasheet HTML 11Page - Texas Instruments OPA2227MDREP Datasheet HTML 12Page - Texas Instruments OPA2227MDREP Datasheet HTML 13Page - Texas Instruments OPA2227MDREP Datasheet HTML 14Page - Texas Instruments OPA2227MDREP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
OPA2227-EP
www.ti.com
SBOS594A – MARCH 2012 – REVISED NOVEMBER 2012
Basic Noise Calculations
Design of low noise operational amplifier circuits requires careful consideration of a variety of possible noise
contributors: noise from the signal source, noise generated in the operational amplifier, and noise from the
feedback network resistors. The total noise of the circuit is the root-sum-square combination of all noise
components.
The resistive portion of the source impedance produces thermal noise proportional to the square root of the
resistance. This function is shown plotted in Figure 4. Since the source impedance is usually fixed, select the
operational amplifier and the feedback resistors to minimize their contribution to the total noise.
Figure 4 shows total noise for varying source impedances with the operational amplifier in a unity-gain
configuration (no feedback resistor network and therefore no additional noise contributions). The operational
amplifier itself contributes both a voltage noise component and a current noise component. The voltage noise is
commonly modeled as a time-varying component of the offset voltage. The current noise is modeled as the time-
varying component of the input bias current and reacts with the source resistance to create a voltage component
of noise. Consequently, the lowest noise operational amplifier for a given application depends on the source
impedance. For low source impedance, current noise is negligible and voltage noise generally dominates. For
high source impedance, current noise may dominate.
Figure 5 shows both inverting and noninverting operational amplifier circuit configurations with gain. In circuit
configurations with gain, the feedback network resistors also contribute noise. The current noise of the
operational amplifier reacts with the feedback resistors to create additional noise components. The feedback
resistor values can generally be chosen to make these noise sources negligible. The equations for total noise are
shown for both configurations.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: OPA2227-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com