Electronic Components Datasheet Search
  English  ▼

X  

OPA2227MDREP Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA2227MDREP
Description  HIGH PRECISION, LOW NOISE OPERATIONAL AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA2227MDREP Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA2227MDREP Datasheet HTML 4Page - Texas Instruments OPA2227MDREP Datasheet HTML 5Page - Texas Instruments OPA2227MDREP Datasheet HTML 6Page - Texas Instruments OPA2227MDREP Datasheet HTML 7Page - Texas Instruments OPA2227MDREP Datasheet HTML 8Page - Texas Instruments OPA2227MDREP Datasheet HTML 9Page - Texas Instruments OPA2227MDREP Datasheet HTML 10Page - Texas Instruments OPA2227MDREP Datasheet HTML 11Page - Texas Instruments OPA2227MDREP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
SMALL-SIGNAL OVERSHOOT
vs LOAD CAPACITANCE
1k
100
10
1
10k
100k
Load Capacitance (pF)
70
60
50
40
30
20
10
0
Gain = –10
Gain = +10
Gain = +1
Gain = –1
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
10M
Frequency (Hz)
1k
10k
100k
1M
30
25
20
15
10
5
0
V
S = ±15V
V
S = ±5V
LARGE-SIGNAL STEP RESPONSE
G = –1, CL = 1500pF
5µs/div
SMALL-SIGNAL STEP RESPONSE
G = +1, CL = 1000pF
400ns/div
SMALL-SIGNAL STEP RESPONSE
G = +1, CL = 5pF
400ns/div
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
15
14
13
12
11
10
–10
–11
–12
–13
–14
–15
V+
(V+) –1V
(V+) –2V
(V+) –3V
(V–) +3V
(V–) +2V
(V–) +1V
V–
0
10
20
30
40
50
60
Output Current (mA)
–55°C
–40°C
–55°C
85°C
25°C
85°C
25°C
–40°C
125°C
125°C
OPA2227-EP
SBOS594A – MARCH 2012 – REVISED NOVEMBER 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = 25°C, RL = 10 kΩ, VS = ±15 V (unless otherwise noted).
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: OPA2227-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com