Electronic Components Datasheet Search
  English  ▼

X  

OPA698MJD Datasheet(PDF) 20 Page - Texas Instruments

Part # OPA698MJD
Description  UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA698MJD Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA698MJD Datasheet HTML 16Page - Texas Instruments OPA698MJD Datasheet HTML 17Page - Texas Instruments OPA698MJD Datasheet HTML 18Page - Texas Instruments OPA698MJD Datasheet HTML 19Page - Texas Instruments OPA698MJD Datasheet HTML 20Page - Texas Instruments OPA698MJD Datasheet HTML 21Page - Texas Instruments OPA698MJD Datasheet HTML 22Page - Texas Instruments OPA698MJD Datasheet HTML 23Page - Texas Instruments OPA698MJD Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
www.ti.com
Soft-Clipping (Compression) Circuit
V
H +
R2
V
CH )
R1
V
IN
R1 ) R2
(1)
V
L +
R4
V
CL )
R3
V
IN
R3 ) R4
(2)
OPA698
V
H
V
L
R
4
2k
Ω
R
3
1k
Ω
24.9
Ω
R
2
2k
Ω
V
CL
-1V
V
CH
+1V
V
OUT
V
IN
R
1
1k
Ω
S0043-01
Time (100ns/div)
3
2
1
0
-1
-2
-3
V
IN
V
OUT
G051
High-Speed Schmitt Trigger
OPA698M
SGLS287A – MAY 2005 – REVISED MARCH 2006
TYPICAL APPLICATIONS (continued)
If the negative excursion of the rectified signal is not desired, it can easily be removed by replacing the OPA693
with the OPA698 configured as a difference amplifier with VL connected to ground and VH left floating.
Figure 59 shows a soft-clipping circuit. As soon as the input voltage exceeds either VCH or VCL, the limiting
voltages are driven by Equation 1 and Equation 2.
As the amplifier is operating in the limiting mode, the output voltage is compressed with a gain of R1+R2/R1 for
the positive excursion above VCH and by a gain of R3+R4/R3 for the negative excursion below VCL. Figure 60
shows a 5 VPP on the input being compressed above ±1 V with a compression gain of one third.
Figure 59. Soft-Clipping Circuit
Figure 60. Soft-Clipping With A Gain of 1/3 Above the Clamp Level (±1 V)
Figure 61 shows a high-speed Schmitt Trigger. The output levels are precisely defined and the switching time is
exceptional. The output voltage swings between VH and VL.
20
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com