Electronic Components Datasheet Search
  English  ▼

X  

OPA698MJD Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA698MJD
Description  UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA698MJD Datasheet(HTML) 1 Page - Texas Instruments

  OPA698MJD Datasheet HTML 1Page - Texas Instruments OPA698MJD Datasheet HTML 2Page - Texas Instruments OPA698MJD Datasheet HTML 3Page - Texas Instruments OPA698MJD Datasheet HTML 4Page - Texas Instruments OPA698MJD Datasheet HTML 5Page - Texas Instruments OPA698MJD Datasheet HTML 6Page - Texas Instruments OPA698MJD Datasheet HTML 7Page - Texas Instruments OPA698MJD Datasheet HTML 8Page - Texas Instruments OPA698MJD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
www.ti.com
FEATURES
-VS
1
2
3
4
8
7
6
5
NC
INVERTING INPUT
NONINVERTING INPUT
VH
+VS
OUTPUT
VL
JD PACKAGE
(TOP VIEW)
NC - No internal connection
P0013-01
APPLICATIONS
DESCRIPTION
OPA698M
SGLS287A – MAY 2005 – REVISED MARCH 2006
UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
•
High Linearity Near Limiting
•
Fast Recovery from Overdrive: 1 ns
•
Limiting Voltage Accuracy: ±15 mV
•
-3-dB Bandwidth (G = +1): 450 MHz
•
Slew Rate: 1100 V/ms
•
±5-V and 5-V Supply Operation
•
Unity Gain Version of the OPA699
•
Fast Limiting ADC Input Buffers
•
CCD Pixel Clock Stripping
•
Video Sync Stripping
•
HF Mixers
•
IF Limiting Amplifiers
•
AM Signal Generation
•
Non-Linear Analog Signal Processing
•
OPA688M Replacement
The OPA698 is a wideband, unity gain stable voltage-feedback op amp that offers bipolar output voltage limiting.
Two buffered limiting voltages take control of the output when it attempts to drive beyond these limits. This new
output limiting architecture holds the limiter offset error to ±15 mV. The op amp operates linearly to within 30 mV
of the output limit voltages.
The combination of narrow nonlinear range and low limiting offset allows the limiting voltages to be set within
100 mV of the desired linear output range. A fast 1-ns recovery from limiting ensures that overdrive signals will
be transparent to the signal channel. Implementing the limiting function at the output, as opposed to the input,
gives the specified limiting accuracy for any gain and allows the OPA698 to be used in all standard op amp
applications.
Non-linear analog signal processing benefits from the ability of the OPA698 to sharply transition from linear
operation to output limiting. The quick recovery time supports high-speed applications.
The OPA698M is available in an industry standard pinout CDIP-8 package. For higher gain or transimpedance
applications requiring output limiting with fast recovery, consider the OPA699M.
ORDERING INFORMATION(1)
ORDERABLE
TOP-SIDE
TA
PACKAGE
PART NUMBER
MARKING
–55°C to 125°C
CDIP – JD
Tube
OPA698MJD
OPA698MJD
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA698MJD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA698MJD TI-OPA698MJD Datasheet
566Kb / 32P
UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA698MJD TI1-OPA698MJD Datasheet
566Kb / 32P
UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
More results

Similar Description - OPA698MJD

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA688 BURR-BROWN-OPA688 Datasheet
185Kb / 16P
Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
logo
Texas Instruments
OPA698 TI-OPA698 Datasheet
482Kb / 27P
Unity-Gain Stable, Wideband Voltage Limiting Amplifier
OPA698M TI-OPA698M Datasheet
566Kb / 32P
UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA699M TI-OPA699M Datasheet
532Kb / 32P
GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA698M TI1-OPA698M Datasheet
566Kb / 32P
UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA699M TI1-OPA699M Datasheet
532Kb / 32P
GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA688M TI1-OPA688M Datasheet
348Kb / 23P
UNITY-GAIN-STABLE WIDEBAND VOLTAGE LIMITING AMP LIFIER
OPA698IDG4 TI1-OPA698IDG4 Datasheet
843Kb / 32P
Unity-Gain Stable, Wideband Voltage Limiting Amplifier
OPA688 TI1-OPA688 Datasheet
302Kb / 18P
Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
OPA698 TI1-OPA698_12 Datasheet
843Kb / 32P
Unity-Gain Stable, Wideband Voltage Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com