Electronic Components Datasheet Search
  English  ▼

X  

OPA698MJD Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA698MJD
Description  UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA698MJD Datasheet(HTML) 5 Page - Texas Instruments

  OPA698MJD Datasheet HTML 1Page - Texas Instruments OPA698MJD Datasheet HTML 2Page - Texas Instruments OPA698MJD Datasheet HTML 3Page - Texas Instruments OPA698MJD Datasheet HTML 4Page - Texas Instruments OPA698MJD Datasheet HTML 5Page - Texas Instruments OPA698MJD Datasheet HTML 6Page - Texas Instruments OPA698MJD Datasheet HTML 7Page - Texas Instruments OPA698MJD Datasheet HTML 8Page - Texas Instruments OPA698MJD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
www.ti.com
OPA698M
SGLS287A – MAY 2005 – REVISED MARCH 2006
ELECTRICAL CHARACTERISTICS (continued)
V
S = 5 V, VICM = 2.5 V, RL = 500 Ω, limiter pins open (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
3.5
M
Ω
Input impedance, common mode
1
pF
OUTPUT
VICM
VICM
TA = 25°C
±1.4
±1.6
VH = VICM + 1.8 V,
Output voltage range (VOH, VOL)
V
VL = VICM– 1.8 V, RL≥ 500 Ω
VICM
TA = Full range
±1.3
TA = 25°C
70
105
Current output, sourcing (IOH)
VS = ±2.5 V, RL = 20 Ω
mA
TA = Full range
60
TA = 25°C
–60
–90
Current output, sinking (IOL)
VS = ±2.5 V, RL = 20 Ω
mA
TA = Full range
–50
Closed-loop output impedance
G = +1, RF = 25 Ω, f < 100 kHz
0.2
Ω
POWER SUPPLY
Operating voltage (VS)
5
12
V
TA = 25°C
13.5
14.3
15
Quiescent current (IS)
mA
TA = Full range
12
16.5
Power supply rejection ratio (PSRR)
Input referred, VS = 4 V to 6 V
TA = Full range
58
72
dB
OUTPUT VOLTAGE LIMITERS (pins 5 and 8)
VICM
VICM
TA = 25°C
V
±0.8
±1.1
Default output limited voltage
Limiter pins open
VICM
TA = Full range
V
±0.6
Limiter output offset voltage
(VO – VH) or (VO – VL)
TA = Full range
±15
±50
mV
TA = 25°C
40
50
65
Limiter input bias current magnitude(4)
VO = 2.5 V
µA
TA = Full range
35
70
Limiter input bias current drift
30
nA/°C
3.4
M
Ω
Limiter input impedance
1
pF
Limiter feedthrough(5)
f = 5 MHz
–60
dB
VICM
Maximum limiter voltage
V
±1.8
Minimum limiter voltage separation
400
mV
Op amp bias current shift (2)
5
µA
Limiter small signal bandwidth
VI = VICM ± 1.2 V, VO < 0.02 Vp-p
450
MHz
Limter slew rate(6)
100
V/µA
Limiter step response, overshoot
VI = VICM ± 1.2 V
55
mV
Limiter step response, recovery time
VI = VICM ± 1.2 V
3
ns
Linearity guardband(7)
VO = 2 Vp-p, f = 5 MHz
30
mV
(4)
IVH(VH bias current) is positive and IVL (VL bias current) is negative under these conditions. See Note 2, Figure 47 and Figure 66.
(5)
Limiter feedthrough is the ratio of the output magnitude to the sine wave added to VH (or VL) when VIN = 0.
(6)
VH slew rate conditions are: VIN = VICM +4 V, G = +2, VL = VICM – 2 V, VH = stepped between VICM + 1.2 V and VICM. VL slew rate
conditions are similar.
(7)
Linearity Guardband is defined for an output sinusoid (f = 5 MHz, VO = 0 VDC ±1 VP-P) centered between the limiter levels (VH and VL).
It is the difference between the limiter level and the peak output voltage where SFDR decreases by 3 dB (see Figure 67).
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com