Electronic Components Datasheet Search
  English  ▼

X  

OPA698MJD Datasheet(PDF) 26 Page - Texas Instruments

Part # OPA698MJD
Description  UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA698MJD Datasheet(HTML) 26 Page - Texas Instruments

Back Button OPA698MJD Datasheet HTML 22Page - Texas Instruments OPA698MJD Datasheet HTML 23Page - Texas Instruments OPA698MJD Datasheet HTML 24Page - Texas Instruments OPA698MJD Datasheet HTML 25Page - Texas Instruments OPA698MJD Datasheet HTML 26Page - Texas Instruments OPA698MJD Datasheet HTML 27Page - Texas Instruments OPA698MJD Datasheet HTML 28Page - Texas Instruments OPA698MJD Datasheet HTML 29Page - Texas Instruments OPA698MJD Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
www.ti.com
Capacitive Loads
OPA698
C
L
R
L
R
T
R
S
R
G
R
F
V
O
R
L is optional
S0048-01
Frequency Response Compensation
Pulse Settling Time
Distortion
OPA698M
SGLS287A – MAY 2005 – REVISED MARCH 2006
Capacitive loads, such as the input to ADCs, decreases the amplifier phase margin, which may cause
high-frequency peaking or oscillations. Capacitive loads
≥2 pF should be isolated by connecting a small resistor
in series with the output, as shown in Figure 68. Increasing the gain from +2 improves the capacitive drive
capabilities due to increased phase margin.
Figure 68. Driving Capacitive Loads
In general, capacitive loads should be minimized for optimum high-frequency performance. The capacitance of
coax cable (29 pF/ft for RG-58) will not load the amplifier when the coaxial cable, or transmission line, is
terminated in its characteristic impedance.
The OPA698 is internally compensated to be unity-gain stable, and has a nominal phase margin of 60° at a gain
of +2. Phase margin and peaking improve at higher gains. Recall that an inverting gain of –1 is equivalent to a
gain of +2 for bandwidth purposes (that is, noise gain = 2). Standard external compensation techniques work with
this device. For example, in the inverting configuration, the bandwidth may be limited without modifying the
inverting gain by placing a series RC network to ground on the inverting node. This has the effect of increasing
the noise gain at high frequencies, which limits the bandwidth.
To maintain a wide bandwidth at high gains, cascade several op amps, or use the high-gain optimized OPA699.
In applications where a large feedback resistor is required, such as photodiode transimpedance amplifier, the
parasitic capacitance from the inverting input to ground causes peaking or oscillations. To compensate for this
effect, connect a small capacitor in parallel with the feedback resistor. The bandwidth will be limited by the pole
that the feedback resistor and this capacitor create. In other high-gain applications, use a three resistor Tee
network to reduce the RC time constants set by the parasitic capacitances. Be careful not to increase the noise
generated by this feedback network too much.
The OPA698 is capable of an extremely fast settling time in response to a pulse input. Frequency response
flatness and phase linearity are needed to obtain the best settling times. For capacitive loads, such as an ADC,
use the recommended RS in the typical performance curve RS vs Capacitive Load. Extremely fine-scale settling
(0.01%) requires close attention to ground return current in the supply decoupling capacitors.
The pulse settling characteristics, when recovering from overdrive, are good.
The OPA698 distortion performance is specified for a 500-
Ω load, such as an ADC. Driving loads with smaller
resistance increases the distortion, as illustrated in Figure 69. Remember to include the feedback network in the
load resistance calculations.
26
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com