Electronic Components Datasheet Search
  English  ▼

X  

OPA698MJD Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA698MJD
Description  UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA698MJD Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA698MJD Datasheet HTML 4Page - Texas Instruments OPA698MJD Datasheet HTML 5Page - Texas Instruments OPA698MJD Datasheet HTML 6Page - Texas Instruments OPA698MJD Datasheet HTML 7Page - Texas Instruments OPA698MJD Datasheet HTML 8Page - Texas Instruments OPA698MJD Datasheet HTML 9Page - Texas Instruments OPA698MJD Datasheet HTML 10Page - Texas Instruments OPA698MJD Datasheet HTML 11Page - Texas Instruments OPA698MJD Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
www.ti.com
± Supply Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-45
-50
-55
-60
-65
-70
-75
-80
-85
-90
3rd-Harmonic
2nd-Harmonic
V
O = 2VPP
R
L = 500Ω
See Figure 47
G014
Load Resistance (
Ω)
100
1k
-55
-60
-65
-70
-75
-80
-85
-90
3rd-Harmonic
2nd-Harmonic
V
O = 2VPP
f = 5MHz
See Figure 47
G013
Frequency (MHz)
0.5
1
10
20
-50
-60
-70
-80
-90
-100
-110
3rd-Harmonic
2nd-Harmonic
V
O = 2VPP
R
L = 500Ω
See Figure 47
G015
Output Voltage (V
PP)
0.5 1.0 1.5 2.0 2.5
3.5 4.0 4.5 5.0
3.0
5.5 6.0 6.5 7.0 7.5 8.0
-50
-55
-60
-65
-70
-75
-80
-85
-90
-95
3rd-Harmonic
2nd-Harmonic
R
L = 500Ω
V
H = -VL = VOPP /2 + 0.5V
f = 5MHz
See Figure 47
G016
Gain (V/V)
1
2
3
4
5
6
7
8
9
10
-60
-70
-80
-90
-100
3rd-Harmonic
2nd-Harmonic
V
O = 2VPP
R
L = 500Ω
f = 5MHz
G017
Gain (V/V)
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
-60
-65
-70
-75
-80
-85
-90
3rd-Harmonic
2nd-Harmonic
V
O = 2VPP
R
L = 500Ω
f = 5MHz
G018
OPA698M
SGLS287A – MAY 2005 – REVISED MARCH 2006
TYPICAL CHARACTERISTICS — V
S = ±5 V (continued)
5 MHz HARMONIC DISTORTION
5 MHz HARMONIC DISTORTION
vs LOAD RESISTANCE
vs SUPPLY VOLTAGE
Figure 13.
Figure 14.
HARMONIC DISTORTION
5 MHz HARMONIC DISTORTION
vs FREQUENCY
vs OUTPUT VOLTAGE
Figure 15.
Figure 16.
HARMONIC DISTORTION
HARMONIC DISTORTION
vs NONINVERTING GAIN
vs INVERTING GAIN
Figure 17.
Figure 18.
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com