Electronic Components Datasheet Search
  English  ▼

X  

OPA698MJD Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA698MJD
Description  UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA698MJD Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA698MJD Datasheet HTML 2Page - Texas Instruments OPA698MJD Datasheet HTML 3Page - Texas Instruments OPA698MJD Datasheet HTML 4Page - Texas Instruments OPA698MJD Datasheet HTML 5Page - Texas Instruments OPA698MJD Datasheet HTML 6Page - Texas Instruments OPA698MJD Datasheet HTML 7Page - Texas Instruments OPA698MJD Datasheet HTML 8Page - Texas Instruments OPA698MJD Datasheet HTML 9Page - Texas Instruments OPA698MJD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
www.ti.com
TYPICAL CHARACTERISTICS — V
S = ±5 V
10
1
100
800
Frequency (MHz)
6
3
0
-3
-6
-9
-12
V
O = 0.2VPP
G = +1, R
F = 25Ω, RC = ∞
G = +1, R
F = 25Ω, RC = 175Ω
G = +2, R
C = ∞
G = +5, R
C = ∞
OPA698
R
F
R
C
R
G
V
O
V
IN
G001
10
1
100
500
Frequency (MHz)
3
0
-3
-6
-9
-12
V
O = 0.2VPP
R
F = 402Ω, RG Adjusted
G = -1
G = -5
G = -2
See Figure 49
G002
1
10
100
400
Frequency (MHz)
9
6
3
0
-3
-6
See Figure 47
V
O = 1VPP
V
O =
2V
PP
V
O = 4VPP
V
O = 7VPP
G003
1
10
100
400
Frequency (MHz)
9
6
3
0
-3
-6
V
O = 1VPP
V
O = 7VPP
V
O = 4VPP
V
O = 2VPP
G = -2V/V, R
F = 402Ω
See Figure 49
G004
Frequency (Hz)
1M
10M
100M
1G
3
0
-3
-6
-9
OPA698
402
Ω
0.02V
PP - 2VDC
402
Ω
V
O
V
L
V
H Open
-2V
DC
G = +2
V
O = 0.02VPP
G006
Frequency (Hz)
1M
10M
100M
1G
3
0
-3
-6
-9
OPA698
402
Ω
0.02V
PP + 2VDC
402
Ω
V
O
2V
DC
G = +2
V
O = 0.02VPP
V
H
V
L Open
G005
OPA698M
SGLS287A – MAY 2005 – REVISED MARCH 2006
NONINVERTING SMALL-SIGNAL
INVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 1.
Figure 2.
NONINVERTING LARGE-SIGNAL
INVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 3.
Figure 4.
VH–LIMITER SMALL-SIGNAL
Vl–LIMITER SMALL-SIGNAL
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 5.
Figure 6.
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com