Electronic Components Datasheet Search
  English  ▼

X  

OPA698MJD Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA698MJD
Description  UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA698MJD Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA698MJD Datasheet HTML 3Page - Texas Instruments OPA698MJD Datasheet HTML 4Page - Texas Instruments OPA698MJD Datasheet HTML 5Page - Texas Instruments OPA698MJD Datasheet HTML 6Page - Texas Instruments OPA698MJD Datasheet HTML 7Page - Texas Instruments OPA698MJD Datasheet HTML 8Page - Texas Instruments OPA698MJD Datasheet HTML 9Page - Texas Instruments OPA698MJD Datasheet HTML 10Page - Texas Instruments OPA698MJD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
www.ti.com
Time (5ns/div)
0.25
0.20
0.15
0.10
0.05
0.00
-0.05
-0.10
-0.15
-0.20
-0.25
V
O = 0.2VPP
See Figure 47
G007
Time (5ns/div)
2.5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
V
O = 4VPP
V
H = -VL = 2.5V
See Figure 47
G008
Time (5ns/div)
2.5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
G = +2
V
IN = 0 → +2V
V
H = +2V
V
OUT
V
IN
G009
Time (5ns/div)
2.5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
V
IN = 0 → -2V
G = +2
V
L = -2V
V
OUT
V
IN
G010
Time (200ns/div)
2.5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
V
H = -VL = 2V
G = +2
V
OUT
V
IN
G011
Time (50ns/div)
2.10
2.05
2.00
1.95
1.90
1.85
1.80
1.75
1.70
1.65
1.60
V
O
G012
OPA698M
SGLS287A – MAY 2005 – REVISED MARCH 2006
TYPICAL CHARACTERISTICS — V
S = ±5 V (continued)
SMALL-SIGNAL PULSE RESPONSE
LARGE-SIGNAL PULSE RESPONSE
Figure 7.
Figure 8.
VH–LIMITER PULSE RESPONSE
VL–LIMITER PULSE RESPONSE (20 MHz)
Figure 9.
Figure 10.
LIMITED OUTPUT RESPONSE
DETAIL OF LIMITED OUTPUT VOLTAGE
Figure 11.
Figure 12.
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com