Electronic Components Datasheet Search
  English  ▼

X  

OPA698MJD Datasheet(PDF) 14 Page - Texas Instruments

Part # OPA698MJD
Description  UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA698MJD Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA698MJD Datasheet HTML 10Page - Texas Instruments OPA698MJD Datasheet HTML 11Page - Texas Instruments OPA698MJD Datasheet HTML 12Page - Texas Instruments OPA698MJD Datasheet HTML 13Page - Texas Instruments OPA698MJD Datasheet HTML 14Page - Texas Instruments OPA698MJD Datasheet HTML 15Page - Texas Instruments OPA698MJD Datasheet HTML 16Page - Texas Instruments OPA698MJD Datasheet HTML 17Page - Texas Instruments OPA698MJD Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
www.ti.com
OPA698
49.9
Ω
6
I
VH
V
O
V
IN
I
VL
-V
S = -5V
3
2
4
7
8
5
R
F
402
Ω
R
G
402
Ω
500
Ω
0.1
µF
0.1
µF
0.1
µF
174
Ω
3.01k
Ω 1.91kΩ
3.01k
Ω 1.91kΩ
0.1
µF
V
H = +2V
V
L = -2V
+
2.2
µF
+
2.2
µF
+V
S = +5V
S0035-01
OPA698
57.6
Ω
6
I
VH
V
H = 3.7V
V
O
V
L = 1.3V
V
IN
I
VL
806
Ω
3
2
4
7
8
5
806
Ω
523
Ω
976
Ω
523
Ω
R
G
402
Ω
R
F
402
Ω
500
Ω
0.1
µF
0.1
µF
0.1
µF
+
2.2
µF
0.1
µF
V
S = +5V
0.1
µF
0.1
µF
S0036-01
Single Supply, Noninverting Amplifier
OPA698M
SGLS287A – MAY 2005 – REVISED MARCH 2006
TYPICAL APPLICATIONS (continued)
for each supply consists of two capacitors: one electrolytic 2.2 µF and one ceramic 0.1 µF. The supply bypass
capacitors are shown explicitly in Figure 47 and Figure 48, but is assumed in the other figures. An additional
0.01-µF power-supply decoupling capacitor (not shown here) can be included between the two power-supply
pins. In practical PC board layouts; this optional-added capacitor typically improves the 2nd harmonic distortion
performance by 3 dB to 6 dB.
Figure 47. DC-Coupled, Dual-Supply Amplifier
Figure 48. AC-Coupled, Single-Supply Amplifier
Figure 48 shows an ac-coupled, noninverting gain amplifier for single +5-V supply operation. This circuit was
used for ac characterization of the OPA698, with a 50-
Ω source (which it matches) and a 500-Ω load. The
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com