Electronic Components Datasheet Search
  English  ▼

X  

OPA698MJD Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA698MJD
Description  UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA698MJD Datasheet(HTML) 4 Page - Texas Instruments

  OPA698MJD Datasheet HTML 1Page - Texas Instruments OPA698MJD Datasheet HTML 2Page - Texas Instruments OPA698MJD Datasheet HTML 3Page - Texas Instruments OPA698MJD Datasheet HTML 4Page - Texas Instruments OPA698MJD Datasheet HTML 5Page - Texas Instruments OPA698MJD Datasheet HTML 6Page - Texas Instruments OPA698MJD Datasheet HTML 7Page - Texas Instruments OPA698MJD Datasheet HTML 8Page - Texas Instruments OPA698MJD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
OPA698M
SGLS287A – MAY 2005 – REVISED MARCH 2006
ELECTRICAL CHARACTERISTICS (continued)
V
S = ±5 V, VICM = 0 V, RL = 500 Ω, limiter pins open (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Limiter small signal bandwidth
VI = ±2 V, VO < 0.02 Vp-p
600
MHz
Limiter slew rate(6)
125
V/µs
Limiter step response, overshoot
VI = ±2 V
250
mV
Limiter step response, recovery time
VI = ±2 V
1
ns
Linearity guardband(7)
VO = 2 Vp-p, f = 5 MHz
30
mV
(6)
VH slew rate conditions are: VIN = +2 V, G = +2, VL = -2 V, VH = step between 2 V and 0 V. VL slew rate conditions are similar.
(7)
Linearity Guardband is defined for an output sinusoid (f = 5 MHz, VO = 0 VDC ±1 VP-P) centered between the limiter levels (VH and VL).
It is the difference between the limiter level and the peak output voltage where SFDR decreases by 3 dB (see Figure 67).
V
S = 5 V, VICM = 2.5 V, RL = 500 Ω, limiter pins open (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE (see Figure 48)
VO < 0.2 Vp-p, G = +1, RF = 25 Ω
375
Small signal bandwidth
VO < 0.2 Vp-p, G = +2
200
MHz
VO < 0.2 Vp-p, G = –1
200
Gain-bandwidth product (G
≥ +5)
VO < 0.2 Vp-p
230
MHz
Gain peaking
VO < 0.2 Vp-p, G = +1, RF = 25 Ω
7
dB
Bandwidth for 0.1-dB gain flatness
VO < 0.2 Vp-p
30
MHz
Large signal bandwidth
VO = 2 Vp-p
200
MHz
Slew rate
2 V step
820
V/µs
Rise and fall time
0.2 V step
1.9
ns
Settling time to 0.05%
1 V step
12
ns
Spurious free dynamic range
VO = 2 Vp-p, f = 5 MHz
64
dB
Input noise, voltage noise density
f > 1 MHz
5.7
nV/
√Hz
Input noise, current noise density
f > 1 MHz
2.3
pA/
√Hz
DC PERFORMANCE
TA = 25°C
52
57
Open-loop voltage gain (AVOL)
VO = ±0.4 V
dB
TA = Full range
43
TA = 25°C
±4
±8
Input offset voltage (VIO)
mV
TA = Full range
±12
TA = 25°C
±3
±10
Input bias current (IIB)(2)
µA
TA = Full range
±15
TA = 25°C
±0.4
±3
Input offset current (IIO)
µA
TA = Full range
±4
INPUT
TA = 25°C
50
57
Common-mode rejection ratio (CMRR)
VICM = ±0.5 V, Input referred
dB
TA = Full range
45
VICM
VICM
TA = 25°C
±0.7
±0.8
Common-mode input voltage range
V
(VICR)(3)
VICM
TA = Full range
±0.6
0.32
M
Ω
Input impedance, differential mode
1
pF
(1)
All typical limits are at TA = 25°C unless otherwise specified.
(2)
Current is considered positive out of node.
(3)
CMIR tested as < 3-dB degradation from minimum CMRR at specified limits.
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com