Electronic Components Datasheet Search
  English  ▼

X  

PCM1792DB Datasheet(PDF) 26 Page - Texas Instruments

Part # PCM1792DB
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1792DB Datasheet(HTML) 26 Page - Texas Instruments

Back Button PCM1792DB Datasheet HTML 22Page - Texas Instruments PCM1792DB Datasheet HTML 23Page - Texas Instruments PCM1792DB Datasheet HTML 24Page - Texas Instruments PCM1792DB Datasheet HTML 25Page - Texas Instruments PCM1792DB Datasheet HTML 26Page - Texas Instruments PCM1792DB Datasheet HTML 27Page - Texas Instruments PCM1792DB Datasheet HTML 28Page - Texas Instruments PCM1792DB Datasheet HTML 29Page - Texas Instruments PCM1792DB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 62 page
background image
PCM1792
SLES069B − MARCH 2003 − REVISED NOVEMBER 2006
www.ti.com
26
MODE CONTROL REGISTERS
User-Programmable Mode Controls
The PCM1792 includes a number of user-programmable functions which are accessed via mode control registers.
The registers are programmed using the serial control interface, which was previously discussed in this data sheet.
Table 3 lists the available mode-control functions, along with their default reset conditions and associated register
index.
Table 3. User-Programmable Function Controls
FUNCTION
DEFAULT
REGISTER
BIT
PCM
DSD
DF
BYPASS
Digital attenuation control
0 dB to –120 dB and mute, 0.5 dB step
0 dB
Register 16
Register 17
ATL[7:0] (for L-ch)
ATR[7:0] (for R-ch)
yes
Attenuation load control
Disabled, enabled
Attenuation disabled
Register 18
ATLD
yes
Input audio data format selection
16-, 20-, 24-bit standard (right-justified) format
24-bit MSB-first left-justified format
16-/24-bit I2S format
24-bit I2S format
Register 18
FMT[2:0]
yes
yes
Sampling rate selection for de-emphasis
Disabled,44.1 kHz, 48 kHz, 32 kHz
De-emphasis disabled
Register 18
DMF[1:0]
yes
yes(1)
De-emphasis control
Disabled, enabled
De-emphasis disabled
Register 18
DME
yes
Soft mute control
Mute disabled, enabled
Mute disabled
Register 18
MUTE
yes
Output phase reversal
Normal, reverse
Normal
Register 19
REV
yes
yes
yes
Attenuation speed selection
×1fS, ×(1/2)fS, ×(1/4)fS, ×(1/8)fS
×1 fS
Register 19
ATS[1:0]
yes
DAC operation control
Enabled, disabled
DAC operation enabled
Register 19
OPE
yes
yes
yes
Stereo DF bypass mode select
Monaural, stereo
Monaural
Register 19
DFMS
yes
Digital filter rolloff selection
Sharp rolloff, slow rolloff
Sharp rolloff
Register 19
FLT
yes
Infinite zero mute control
Disabled, enabled
Disabled
Register 19
INZD
yes
yes
System reset control
Reset operation , normal operation
Normal operation
Register 20
SRST
yes
yes
yes
DSD interface mode control
DSD enabled, disabled
Disabled
Register 20
DSD
yes
yes
Digital-filter bypass control
DF enabled, DF bypass
DF enabled
Register 20
DFTH
yes
yes
Monaural mode selection
Stereo, monaural
Stereo
Register 20
MONO
yes
yes
yes
Channel selection for monaural mode data
L-channel, R-channel
L-channel
Register 20
CHSL
yes
yes
yes
Delta-sigma oversampling rate selection
×64 fS, ×128 fS, ×32 fS
×64 fS
Register 20
OS[1:0]
yes
yes(2)
yes
PCM zero output enable
Enabled
Register 21
PCMZ
yes
yes
DSD zero output enable
Disabled
Register 21
DZ[1:0]
yes
Function available only for read
Zero detection flag
Not zero, zero detected
Not zero = 0
Zero detected = 1
Register 22
ZFGL (for L-ch)
ZFGR (for R-ch)
yes
yes
yes
Device ID (at TDMCA)
−
Register 23
ID[4:0]
yes
(1) When in DSD mode, DMF[1:0] is defined as DSD filter (analog FIR) performance selection.
(2) When in DSD mode, OS[1:0] is defined as DSD filter (analog FIR) operation rate selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com