Electronic Components Datasheet Search
  English  ▼

X  

PCM1792DB Datasheet(PDF) 14 Page - Texas Instruments

Part # PCM1792DB
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1792DB Datasheet(HTML) 14 Page - Texas Instruments

Back Button PCM1792DB Datasheet HTML 10Page - Texas Instruments PCM1792DB Datasheet HTML 11Page - Texas Instruments PCM1792DB Datasheet HTML 12Page - Texas Instruments PCM1792DB Datasheet HTML 13Page - Texas Instruments PCM1792DB Datasheet HTML 14Page - Texas Instruments PCM1792DB Datasheet HTML 15Page - Texas Instruments PCM1792DB Datasheet HTML 16Page - Texas Instruments PCM1792DB Datasheet HTML 17Page - Texas Instruments PCM1792DB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 62 page
background image
PCM1792
SLES069B − MARCH 2003 − REVISED NOVEMBER 2006
www.ti.com
14
Figure 22. −60-dB Output Spectrum, DSD Mode
f − Frequency − kHz
−160
−140
−120
−100
−80
−60
−40
−20
0
0
2
4
6
8
1012
141618
20
AMPLITUDE
vs
FREQUENCY
NOTE: DSD mode (FIR-4), 32,768 point 8 average, TA = 25°C, VDD = 3.3 V, VCC = 5 V, measurement circuit is Figure 38.
f − Frequency − kHz
−160
−157
−154
−151
−148
−145
−142
−139
−136
−133
−130
0
2468
10
12
14
16
18
20
AMPLITUDE
vs
FREQUENCY
Figure 23. −150-dB Output Spectrum, DSD Mono Mode
NOTE: DSD mode (FIR-4), 32,768 point 8 average, TA = 25°C, VDD = 3.3 V, VCC = 5 V, measurement circuit is Figure 38.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com