Electronic Components Datasheet Search
  English  ▼

X  

PCM1792DB Datasheet(PDF) 36 Page - Texas Instruments

Part # PCM1792DB
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1792DB Datasheet(HTML) 36 Page - Texas Instruments

Back Button PCM1792DB Datasheet HTML 32Page - Texas Instruments PCM1792DB Datasheet HTML 33Page - Texas Instruments PCM1792DB Datasheet HTML 34Page - Texas Instruments PCM1792DB Datasheet HTML 35Page - Texas Instruments PCM1792DB Datasheet HTML 36Page - Texas Instruments PCM1792DB Datasheet HTML 37Page - Texas Instruments PCM1792DB Datasheet HTML 38Page - Texas Instruments PCM1792DB Datasheet HTML 39Page - Texas Instruments PCM1792DB Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 62 page
background image
PCM1792
SLES069B − MARCH 2003 − REVISED NOVEMBER 2006
www.ti.com
36
−
+
R1
820
Ω
2
3
7
5
8
6
4
C11
0.1
µF
C17
22 pF
VCC
C1
2200 pF
C12
0.1
µF
VEE
U1
NE5534
IOUT−
−
+
R2
820
Ω
2
3
7
5
8
6
4
C13
0.1
µF
C18
22 pF
VCC
C2
2200 pF
C14
0.1
µF
VEE
U2
NE5534
IOUT+
−
+
2
3
7
5
6
4
C15
0.1
µF
C19
33 pF
VCC
C16
0.1
µF
VEE
U3
LT1028
R7
100
Ω
C3
2700 pF
R5
360
Ω
C4
2700 pF
R6
360
Ω
R3
360
Ω
R4
360
Ω
VCC = 15 V
VEE = −15 V
fc = 162 kHz
Figure 37. Measurement Circuit for PCM, VOUT = 4.5 V rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com