Electronic Components Datasheet Search
  English  ▼

X  

PCM1792DB Datasheet(PDF) 33 Page - Texas Instruments

Part # PCM1792DB
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1792DB Datasheet(HTML) 33 Page - Texas Instruments

Back Button PCM1792DB Datasheet HTML 29Page - Texas Instruments PCM1792DB Datasheet HTML 30Page - Texas Instruments PCM1792DB Datasheet HTML 31Page - Texas Instruments PCM1792DB Datasheet HTML 32Page - Texas Instruments PCM1792DB Datasheet HTML 33Page - Texas Instruments PCM1792DB Datasheet HTML 34Page - Texas Instruments PCM1792DB Datasheet HTML 35Page - Texas Instruments PCM1792DB Datasheet HTML 36Page - Texas Instruments PCM1792DB Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 62 page
background image
PCM1792
SLES069B − MARCH 2003 − REVISED NOVEMBER 2006
www.ti.com
33
ZFGx: Zero-Detection Flag
Where x = L or R, corresponding to the DAC output channel. These bits are available only for readback.
Default value: 00
ZFGx = 0
Not zero
ZFGx = 1
Zero detected
These bits show zero conditions. Their status is the same as that of the zero flags at ZEROL (pin 1) and ZEROR
(pin 2). See Zero Detect in the FUNCTION DESCRIPTIONS section.
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 23
R
0
0
1
0
1
1
1
RSV
RSV
RSV
ID4
ID3
ID2
ID1
ID0
R: Read Mode Select
Value is always 1, specifying the readback mode.
ID[4:0]: Device ID
The ID[4:0] bits hold a device ID in the TDMCA mode.
TYPICAL CONNECTION DIAGRAM IN PCM MODE
DATA
24
23
22
21
20
19
18
17
16
15
5
6
7
8
9
10
11
12
13
14
PCM1792
BCK
SCK
DGND
VDD
MS
MDI
MC
MDO
RST
AGND2
IOUTR−
VCC1
VCOML
VCOMR
IREF
IOUTR+
AGND3R
AGND1
−
+
ZEROL
1
2
3
4
ZEROR
MSEL
LRCK
28
27
26
25
VCC2L
AGND3L
IOUTL−
IOUTL+
VOUT
L-Channel
5 V
VCC2R
0.1
µF
Controller
10
µF
3.3 V
PCM
Audio
Data
Source
0.1
µF
10
µF
Cf
Rf
Differential
to
Single
Converter
With
Low-Pass
Filter
+
+
47
µF
47
µF
5 V
10
µF
10 k
Ω
−
+
Cf
Rf
−
+
VOUT
R-Channel
Cf
Rf
Differential
to
Single
Converter
With
Low-Pass
Filter
−
+
Cf
Rf
0.1
µF
10
µF
5 V
+
Figure 35. Typical Application Circuit for Standard PCM Audio Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com