Electronic Components Datasheet Search
  English  ▼

X  

PCM1792DB Datasheet(PDF) 31 Page - Texas Instruments

Part # PCM1792DB
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1792DB Datasheet(HTML) 31 Page - Texas Instruments

Back Button PCM1792DB Datasheet HTML 27Page - Texas Instruments PCM1792DB Datasheet HTML 28Page - Texas Instruments PCM1792DB Datasheet HTML 29Page - Texas Instruments PCM1792DB Datasheet HTML 30Page - Texas Instruments PCM1792DB Datasheet HTML 31Page - Texas Instruments PCM1792DB Datasheet HTML 32Page - Texas Instruments PCM1792DB Datasheet HTML 33Page - Texas Instruments PCM1792DB Datasheet HTML 34Page - Texas Instruments PCM1792DB Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 62 page
background image
PCM1792
SLES069B − MARCH 2003 − REVISED NOVEMBER 2006
www.ti.com
31
SRST: System Reset Control
This bit is available for write only.
Default value: 0
SRST = 0
Normal operation (default)
SRST = 1
System reset operation (generate one reset pulse)
The SRST bit is used to reset the PCM1792 to the initial system condition.
DSD: DSD Interface Mode Control
This bit is available for read and write.
Default value: 0
DSD = 0
DSD interface mode disabled (default)
DSD = 1
DSD interface mode enabled
The DSD bit is used to enable or disable the DSD interface mode.
DFTH: Digital Filter Bypass (or Through Mode) Control
This bit is available for read and write.
Default value: 0
DFTH = 0
Digital filter enabled (default)
DFTH = 1
Digital filter bypassed for external digital filter
The DFTH bit is used to enable or disable the external digital filter interface mode.
MONO: Monaural Mode Selection
This bit is available for read and write.
Default value: 0
MONO = 0
Stereo mode (default)
MONO = 1
Monaural mode
The MONO function is used to change operation mode from the normal stereo mode to the monaural mode. When
the monaural mode is selected, both DACs operate in a balanced mode for one channel of audio input data. Channel
selection is available for L-channel or R-channel data, determined by the CHSL bit as described immediately
following.
CHSL: Channel Selection for Monaural Mode
This bit is available for read and write.
Default value: 0
This bit is available when MONO = 1.
CHSL = 0
L-channel selected (default)
CHSL = 1
R-channel selected
The CHSL bit selects L-channel or R-channel data to be used in monaural mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com