Electronic Components Datasheet Search
  English  ▼

X  

PCM1792DB Datasheet(PDF) 34 Page - Texas Instruments

Part # PCM1792DB
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1792DB Datasheet(HTML) 34 Page - Texas Instruments

Back Button PCM1792DB Datasheet HTML 30Page - Texas Instruments PCM1792DB Datasheet HTML 31Page - Texas Instruments PCM1792DB Datasheet HTML 32Page - Texas Instruments PCM1792DB Datasheet HTML 33Page - Texas Instruments PCM1792DB Datasheet HTML 34Page - Texas Instruments PCM1792DB Datasheet HTML 35Page - Texas Instruments PCM1792DB Datasheet HTML 36Page - Texas Instruments PCM1792DB Datasheet HTML 37Page - Texas Instruments PCM1792DB Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 62 page
background image
PCM1792
SLES069B − MARCH 2003 − REVISED NOVEMBER 2006
www.ti.com
34
APPLICATION INFORMATION
APPLICATION CIRCUIT
The design of the application circuit is very important in order to actually realize the high S/N ratio of which the
PCM1792 is capable. This is because noise and distortion that are generated in an application circuit are not
negligible.
In the circuit of Figure 36, the output level is 2 V rms and 127 dB S/N is achieved.
The circuit of Figure 37 can realize the highest performance. In this case the output level is set to 4.5 V rms and 129 dB
S/N is achieved (stereo mode). In monaural mode, if the output of the L-channel and R-channel is used as a balanced
output, 132 dB S/N is achieved (see Figure 39).
Figure 38 shows a circuit for the DSD mode, which is a 4th-order LPF in order to reduce the out-of-band noise.
I/V Section
The current of the PCM1792 on each of the output pins (IOUTL+, IOUTL–, IOUTR+, IOUTR–) is 7.8 mA p-p at 0 dB (full
scale). The voltage output level of the I/V converter (Vi) is given by following equation:
Vi = 7.8 mA p−p
× Rf (Rf : feedback resistance of I/V converter)
An NE5534 operational amplifier is recommended for the I/V circuit to obtain the specified performance. Dynamic
performance such as the gain bandwidth, settling time, and slew rate of the operational amplifier affects the audio
dynamic performance of the I/V section.
Differential Section
The PCM1792 voltage outputs are followed by differential amplifier stages, which sum the differential signals for each
channel, creating a single-ended I/V op-amp output. In addition, the differential amplifiers provide a low-pass filter
function.
The operational amplifier recommended for the IV circuit is the NE5534, and the operational amplifier recommended
for the differential circuit is the Linear Technology LT1028, because its input noise is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com