Electronic Components Datasheet Search
  English  ▼

X  

PCM1792DB Datasheet(PDF) 5 Page - Texas Instruments

Part # PCM1792DB
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1792DB Datasheet(HTML) 5 Page - Texas Instruments

  PCM1792DB Datasheet HTML 1Page - Texas Instruments PCM1792DB Datasheet HTML 2Page - Texas Instruments PCM1792DB Datasheet HTML 3Page - Texas Instruments PCM1792DB Datasheet HTML 4Page - Texas Instruments PCM1792DB Datasheet HTML 5Page - Texas Instruments PCM1792DB Datasheet HTML 6Page - Texas Instruments PCM1792DB Datasheet HTML 7Page - Texas Instruments PCM1792DB Datasheet HTML 8Page - Texas Instruments PCM1792DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
PCM1792
SLES069B − MARCH 2003 − REVISED NOVEMBER 2006
www.ti.com
5
ELECTRICAL CHARACTERISTICS (Continued)
all specifications at TA = 25°C, VCC1 = VCC2L = VCC2R = 5 V, fS = 44.1 kHz, system clock = 256 fS, and 24-bit data unless otherwise noted
PARAMETER
TEST CONDITIONS
PCM1792DB
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY REQUIREMENTS
VDD
3
3.3
3.6
VDC
VCC1
Voltage range
VCC2L
Voltage range
4.75
5
5.25
VDC
VCC2R
(1)
fS = 44.1 kHz
12
15
IDD
Supply current (1)
fS = 96 kHz
23
mA
IDD
Supply current (1)
fS = 192 kHz
45
mA
(1)
fS = 44.1 kHz
33
40
ICC
Supply current (1)
fS = 96 kHz
35
mA
ICC
Supply current (1)
fS = 192 kHz
37
mA
(1)
fS = 44.1 kHz
205
250
Power dissipation (1)
fS = 96 kHz
250
mW
Power dissipation (1)
fS = 192 kHz
335
mW
TEMPERATURE RANGE
Operation temperature
–25
85
°C
θJA
Thermal resistance
28-pin SSOP
100
°C/W
(1) Input is BPZ data.
PIN ASSIGNMENTS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ZEROL
ZEROR
MSEL
LRCK
DATA
BCK
SCK
DGND
VDD
MS
MDI
MC
MDO
RST
VCC2L
AGND3L
IOUTL−
IOUTL+
AGND2
VCC1
VCOML
VCOMR
IREF
AGND1
IOUTR−
IOUTR+
AGND3R
VCC2R
PCM1792
(TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com