Electronic Components Datasheet Search
  English  ▼

X  

PCM1792DB Datasheet(PDF) 28 Page - Texas Instruments

Part # PCM1792DB
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1792DB Datasheet(HTML) 28 Page - Texas Instruments

Back Button PCM1792DB Datasheet HTML 24Page - Texas Instruments PCM1792DB Datasheet HTML 25Page - Texas Instruments PCM1792DB Datasheet HTML 26Page - Texas Instruments PCM1792DB Datasheet HTML 27Page - Texas Instruments PCM1792DB Datasheet HTML 28Page - Texas Instruments PCM1792DB Datasheet HTML 29Page - Texas Instruments PCM1792DB Datasheet HTML 30Page - Texas Instruments PCM1792DB Datasheet HTML 31Page - Texas Instruments PCM1792DB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 62 page
background image
PCM1792
SLES069B − MARCH 2003 − REVISED NOVEMBER 2006
www.ti.com
28
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 18
R/W
0
0
1
0
0
1
0
ATLD
FMT2
FMT1
FMT0
DMF1
DMF0
DME
MUTE
R/W: Read/Write Mode Select
When R/W = 0, a write operation is performed.
When R/W = 1, a read operation is performed.
Default value: 0
ATLD: Attenuation Load Control
This bit is available for read and write.
Default value: 0
ATLD = 0
Attenuation control disabled (default)
ATLD = 1
Attenuation control enabled
The ATLD bit is used to enable loading of the attenuation data contained in registers 16 and 17. When ATLD = 0,
the attenuation settings remain at the previously programmed levels, ignoring new data loaded from registers 16 and
17. When ATLD = 1, attenuation data written to registers 16 and 17 is loaded normally.
FMT[2:0]: Audio Interface Data Format
These bits are available for read and write.
Default value: 101
For the external digital filter interface mode (DFTH mode), this register is operated as shown in the Application for
Interfacing With an External Digital Filter section of this data sheet.
FMT[2:0]
Audio Data Format Selection
000
16-bit standard format, right-justified data
001
20-bit standard format, right-justified data
010
24-bit standard format, right-justified data
011
24-bit MSB-first, left-justified format data
100
16-bit I2S format data
101
24-bit I2S format data (default)
110
Reserved
111
Reserved
The FMT[2:0] bits are used to select the data format for the serial audio interface.
DMF[1:0]: Sampling Frequency Selection for the De-Emphasis Function
These bits are available for read and write.
Default value: 00
DMF[1:0]
De-Emphasis Sampling Frequency Selection
00
Disabled (default)
01
48 kHz
10
44.1 kHz
11
32 kHz
The DMF[1:0] bits are used to select the sampling frequency used by the digital de-emphasis function when it is
enabled by setting the DME bit. The de-emphasis curves are shown in the TYPICAL PERFORMANCE CURVES
section of this data sheet.
For the DSD mode, analog FIR filter performance can be selected using this register. Filter response plots are shown
in the TYPICAL PERFORMANCE CURVES section of this data sheet. A register map is shown in the Configuration
for the DSD Interface Mode section of this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com