Electronic Components Datasheet Search
  English  ▼

X  

PCM1792DB Datasheet(PDF) 45 Page - Texas Instruments

Part # PCM1792DB
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1792DB Datasheet(HTML) 45 Page - Texas Instruments

Back Button PCM1792DB Datasheet HTML 41Page - Texas Instruments PCM1792DB Datasheet HTML 42Page - Texas Instruments PCM1792DB Datasheet HTML 43Page - Texas Instruments PCM1792DB Datasheet HTML 44Page - Texas Instruments PCM1792DB Datasheet HTML 45Page - Texas Instruments PCM1792DB Datasheet HTML 46Page - Texas Instruments PCM1792DB Datasheet HTML 47Page - Texas Instruments PCM1792DB Datasheet HTML 48Page - Texas Instruments PCM1792DB Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 62 page
background image
PCM1792
SLES069B − MARCH 2003 − REVISED NOVEMBER 2006
www.ti.com
45
DSD MODE CONFIGURATION AND FUNCTION CONTROLS
Configuration for the DSD Interface Mode
DSD = 1 (Register 20, B5)
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 16
R/W
0
0
1
0
0
0
0
−
−
−
−
−
−
−
−
Register 17
R/W
0
0
1
0
0
0
1
−
−
−
−
−
−
−
−
Register 18
R/W
0
0
1
0
0
1
0
−
−
−
−
DMF1
DMF0
−
−
Register 19
R/W
0
0
1
0
0
1
1
REV
−
−
OPE
−
−
−
−
Register 20
R/W
0
0
1
0
1
0
0
−
SRST
1
−
MONO
CHSL
OS1
OS0
Register 21
R
0
0
1
0
1
0
1
−
−
−
−
−
DZ1
DZ0
−
Register 22
R
0
0
1
0
1
1
0
−
−
−
−
−
−
ZFGR
ZFGL
NOTE:
−: Function is disabled. No operation even if data bit is set
DMF[1:0]: Analog FIR Performance Selection
Default value: 00
DMF[1:0]
Analog-FIR Performance Select
00
FIR-1 (default)
01
FIR-2
10
FIR-3
11
FIR-4
Plots for the four analog FIR filter responses are shown in the TYPICAL PERFORMANCE CURVES section of this
data sheet.
OS[1:0]: Analog-FIR Operation-Speed Selection
Default value: 00
OS[1:0]
Operation Speed Select
00
fDBCK (default)
01
fDBCK /2
10
Reserved
11
fDBCK/4
The OS bit in the DSD mode is used to select the operating rate of the analog FIR. The OS bits must be set before
setting the DSD bit to1.
TDMCA Format
The PCM1792 supports the time-division-multiplexed command and audio (TDMCA) data format to simplify the host
control serial interface. The TDMCA format is designed not only for the McBSP of TI DSPs but also for any
programmable devices. The TDMCA format can transfer not only audio data but also command data, so that it can
be used together with any kind of device that supports the TDMCA format. The TDMCA frame consists of command
field, extended command field, and some audio data fields. Those audio data are transported to IN devices (such
as a DAC) and/or from OUT devices (such as an ADC). The PCM1792 is an IN device. LRCK and BCK are used
with both IN and OUT devices so that the sample frequency of all devices in a system must be the same. The TDMCA
mode supports a maximum of 30 device IDs. The maximum number of audio channels depends on the BCK
frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com