Electronic Components Datasheet Search
  English  ▼

X  

DA9313 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # DA9313
Description  High Efficiency Dual Cell Switched Capacitor Divider
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9313 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button DA9313 Datasheet HTML 28Page - Renesas Technology Corp DA9313 Datasheet HTML 29Page - Renesas Technology Corp DA9313 Datasheet HTML 30Page - Renesas Technology Corp DA9313 Datasheet HTML 31Page - Renesas Technology Corp DA9313 Datasheet HTML 32Page - Renesas Technology Corp DA9313 Datasheet HTML 33Page - Renesas Technology Corp DA9313 Datasheet HTML 34Page - Renesas Technology Corp DA9313 Datasheet HTML 35Page - Renesas Technology Corp DA9313 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
DA9313
High Efficiency Dual Cell Switched Capacitor Divider
Datasheet
Revision 3.6
16-Jun-2023
CFR0011-120-00
32 of 55
© 2023 Renesas Electronics
Table 13: SLEEP_CTRL Register Configuration
Control bit
Block
PVC_SL
PVC operation in SLEEP mode:
0: no change
1: automatic frequency mode
The PVC is changed to automatic frequency mode (variable frequency).
PVC_MODE setting is overwritten (old value restored at the exit of SLEEP
mode)
PVC_DIS_SL
PVC enable control, in SLEEP mode:
0: no change
1: PVC disabled
The PVC is disabled
PVC_EN setting is overwritten (old value restored at the exit of SLEEP mode)
VDDIO_DIS_SL
Control VDDIO supply enable, in SLEEP mode:
0: no change
1: VDDIO rail disabled.
11.5 FAULT RECOVERY Mode
DA9313 responds to critical under-voltage, over-current, and over-temperature conditions and safely
power cycles the device through FAULT RECOVERY mode. Fault events are captured in the
FAULT_LOG register for host interrogation on reboot and warning levels generate maskable interrupt
events.
FAULT RECOVERY is a temporary mode and is automatically entered and exited depending on fault
condition presence. DA9313 enters FAULT RECOVERY mode from ACTIVE or SLEEP mode. In
POWER_DOWN mode there is no supervision therefore FAULT RECOVERY mode cannot be
entered.
The device waits for a configurable FAULT_TIME, when the PVC is disabled, to ensure discharge of
all critical nodes in the application before any attempt to reboot. DA9313 automatically exits FAULT
RECOVERY mode when the fault condition has expired.
The FAULT_LOG register can be reset by a register write of 1 to the appropriate register bit.
11.5.1
Input Under-Voltage
VBAT voltage is continuously sensed, except in RESET and POWER_DOWN modes, by dedicated
analog circuitry based on two configurable levels: a warning level, VTH_WARN and a shutdown level,
VTH_UVLO_VDD.
The upper comparator triggers a warning if VBAT drops below VTH_WARN. The lower comparator
triggers a fault condition if VBAT drops below VTH_UVLO_VDD.
The VTH_UVLO_VDD voltage threshold is configurable and can be set via VBAT_UV_CRIT_THRSH from
4.6 V to 6.15 V (5.0 V default) in steps of 50 mV.
The VHYST_UVLO_VDD hysteresis can be also be configured via VBAT_UV_HYS from 50 mV to 400 mV
(200 mV default) in steps of 50 mV.
The VTH_WARN voltage threshold is configurable and can be set via VBAT_UV_WARN from 5.2 V to
6.6 V in steps of 200 mV.
To reduce the current consumption of the block only the warning comparator is permanently on, the
shutdown comparator is enabled on demand in the interval where VBAT is below the warning
threshold.
The critical under voltage threshold comparator is also debounced, this guarantees that short spikes
do not trigger the application power-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com