Electronic Components Datasheet Search
  English  ▼

X  

DA9313 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # DA9313
Description  High Efficiency Dual Cell Switched Capacitor Divider
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9313 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button DA9313 Datasheet HTML 20Page - Renesas Technology Corp DA9313 Datasheet HTML 21Page - Renesas Technology Corp DA9313 Datasheet HTML 22Page - Renesas Technology Corp DA9313 Datasheet HTML 23Page - Renesas Technology Corp DA9313 Datasheet HTML 24Page - Renesas Technology Corp DA9313 Datasheet HTML 25Page - Renesas Technology Corp DA9313 Datasheet HTML 26Page - Renesas Technology Corp DA9313 Datasheet HTML 27Page - Renesas Technology Corp DA9313 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
DA9313
High Efficiency Dual Cell Switched Capacitor Divider
Datasheet
Revision 3.6
16-Jun-2023
CFR0011-120-00
24 of 55
© 2023 Renesas Electronics
register, allowing read-back of the current setting. The PVC_EN bit can also be controlled over I2C
when not set to be driven from GPIO_1 or GPIO_0.
10.2.1.2
SLEEP Enable
In order to reduce power consumption to a minimum, the host processor can send DA9313 into
SLEEP Mode. SLEEP mode is a configurable mode with configuration via the SLEEP_CTRL register.
This function is available in ACTIVE Mode and SLEEP mode when VDDIO_EN bit is high.
Any GPI pin can be configured as SLEEP_EN via the GPIO_1_PIN and GPIO_0_PIN bits. The
SLEEP_EN pin controls the SLEEP status bit in the MODE_CTRL register allowing read-back of the
current setting. The SLEEP bit can also be controlled over I2C when not set to be driven from GPI,
see section 11.4.
10.2.1.3
Power Cycle
The power cycle (PWC) input allows the host to perform a power cycle of DA9313 with OTP reload.
This function is provided in ACTIVE Mode and SLEEP Mode when VDDIO_EN bit is high.
Any GPI pin can be configured as PWC via the GPIO_1_PIN and GPIO_0_PIN bits. After PWC
assertion DA9313 de-asserts the power good (PG) pin for 10 µs and then initiates a power cycle.
The GPI_RESET bit is set in the FAULT_LOG for host read-back following power cycle back to
ACTIVE mode.
10.2.1.4
Clock Input
GPIO_1 supports the connection of an external oscillator delivering the target 6 MHz, see Table 6, to
the system. This requires that GPIO_1 is selected for external clock input (Ext_Clk_Inp) via
GPIO_1_PIN. The GPI does not generate any event in this case.
The switch over from the internal to external clock occurs on the falling edge of the clock. If the
external clock is not present, a clock detect switches control to the internal clock. In this case, I2C
communication is possible.
CAUTION
Removing an external clock without first reverting the internal clocking GPI setting may damage the device.
10.2.1.5
Output Ports
Output ports (GPOs) are supplied from the internal rail (VCORE or VDDIO) and can be configured to
be open drain or push-pull (selected via GPIO_1_MODE or GPIO_0_MODE). If a GPO is used as a
push-pull driver VDDIO has to be enabled. GPOs can also be supplied from an external rail by
disabling the internal 20
kΩ pull-up resistor in open-drain mode.
If the output ports are defined as general purpose outputs (GPOs), the low/high level is defined in
register bits GPIO_1_TYPE or GPIO_0_TYPE. If the output ports are associated to power good
(PG), defined by GPIO_1_PIN and GPIO_0_PIN, the GPIO_1_TYPE or GPIO_0_TYPE fields
indicates the active low/high characteristics.
NOTE
In master/slave mode, with GPIO_1 operating in open drain with an external pull-up, the pull-up resistor must
be > 820
kΩ to prevent a false SLAVE_ID recognition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com