Electronic Components Datasheet Search
  English  ▼

X  

DA9313 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # DA9313
Description  High Efficiency Dual Cell Switched Capacitor Divider
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9313 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button DA9313 Datasheet HTML 29Page - Renesas Technology Corp DA9313 Datasheet HTML 30Page - Renesas Technology Corp DA9313 Datasheet HTML 31Page - Renesas Technology Corp DA9313 Datasheet HTML 32Page - Renesas Technology Corp DA9313 Datasheet HTML 33Page - Renesas Technology Corp DA9313 Datasheet HTML 34Page - Renesas Technology Corp DA9313 Datasheet HTML 35Page - Renesas Technology Corp DA9313 Datasheet HTML 36Page - Renesas Technology Corp DA9313 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
DA9313
High Efficiency Dual Cell Switched Capacitor Divider
Datasheet
Revision 3.6
16-Jun-2023
CFR0011-120-00
33 of 55
© 2023 Renesas Electronics
When the warning comparator triggers, the status bit VBAT_WARN is asserted and the event
E_VBAT_WARN is generated. If not masked via M_VBAT_WARN, the output port nIRQ is asserted
(providing a GPIO is configured as nIRQ). The host processor is then informed that the input voltage
level is close to critical and it can take action such as powering down the application.
If the input voltage keeps dropping and the shutdown comparator is triggered the PVC is disabled
and the VBAT_UV_CRIT bit is asserted in FAULT_LOG. When the VBAT voltage recovers over
VTH_UVLO_VDD + VHYST_UVLO_VDD, DA9313 enters ACTIVE mode after having performed an OTP read.
11.5.2
Over-Temperature
FAULT RECOVERY mode is entered when TJ
≥ TTH_CRIT and is exited when TJ < TTH_CRIT. The
TEMP_CRIT bit is asserted in FAULT_LOG.
11.5.3
PVC Current Limit
When the PVC hits the current limit, FAULT RECOVERY mode is entered and is immediately exited,
because the root cause (current limit reached) is removed when the PVC is disabled. The
PVC_OC_CRIT bit is asserted in FAULT_LOG.
11.5.4
PVC Start-Up Failure
FAULT RECOVERY mode is entered when the PVC has failed its start-up procedure. This occurs
when the output voltage has not reached a voltage close to VDD/2 within approximately 20 ms.
FAULT RECOVERY mode is immediately exited and a new power up is started. The PVC_RAMPUP
bit is asserted in FAULT_LOG.
11.6 VCORE Voltage Regulator
The VCORE supply is a 4 V rail internally generated by DA9313 for the internal analog and digital
supply. It is always enabled except in OFF mode.
The additional VDDIO rail is internally generated directly from VCORE. The slave has VDDIO
disabled.
VCORE is the only regulator with an external bypass capacitor and can supply up to 20 mA to an
external circuit.
11.7 VDDIO Generation
The VDDIO rail is internally generated by DA9313 from VCORE and is assigned to the I/O interfaces
and to the GPIOs. The VDDIO is controlled via VDDIO_EN bit. The rail assignment determines the
IO voltage levels and logical thresholds see section 7.5. A specific VDDIO voltage can be selected
via VDDIO_CONF (1.5 V, 1.8 V, 2.8 V, or 3.3 V).
The VDDIO generation is off in OFF and POWER_DOWN modes, and always in the slave device. In
SLEEP mode the VDDIO generation is disabled if VDDIO_SL is asserted.
The internally generated VDDIO is monitored for under voltage VTH_UVLO_IO. If VDDIO voltage is
not in range, the I2C interface is reset. All IOs are run from VCORE if VDDIO is disabled. All IOs are
supplied on VCORE only when in master/slave mode (it is not possible to enable VDDIO in these
modes).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com