Electronic Components Datasheet Search
  English  ▼

X  

DA9313 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # DA9313
Description  High Efficiency Dual Cell Switched Capacitor Divider
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9313 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button DA9313 Datasheet HTML 21Page - Renesas Technology Corp DA9313 Datasheet HTML 22Page - Renesas Technology Corp DA9313 Datasheet HTML 23Page - Renesas Technology Corp DA9313 Datasheet HTML 24Page - Renesas Technology Corp DA9313 Datasheet HTML 25Page - Renesas Technology Corp DA9313 Datasheet HTML 26Page - Renesas Technology Corp DA9313 Datasheet HTML 27Page - Renesas Technology Corp DA9313 Datasheet HTML 28Page - Renesas Technology Corp DA9313 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
DA9313
High Efficiency Dual Cell Switched Capacitor Divider
Datasheet
Revision 3.6
16-Jun-2023
CFR0011-120-00
25 of 55
© 2023 Renesas Electronics
10.2.1.6
Power Good Indication
Power good (PG) voltage monitoring at the PVC output can be enabled. The PG function monitors
the VOUT rail and informs the host processor about a power cycle in advance of the power cycle
occurring. PG indication is selected via GPIO_1_PIN or GPIO_0_PIN .
The voltage monitoring threshold can be configured between 2.5 V and 5 V in 100 mV steps via
PVC_PG_ADJ. When the voltage drops below the VTH_PG_PVC threshold, the event E_PVC_PG is
generated and the PG pin is de-asserted. Active level is configurable via GPIO_0_TYPE.
After an under voltage condition has been triggered, the indicator will return back to PG after the
output voltage has recovered above VTH_PG_PVC + VHYS_PG_PVC, see Table 5.
When a power cycle is initiated the PG will be always be de-asserted for 10 µs in advance of the
power cycle occurring before exiting ACTIVE or SLEEP mode.
10.2.1.7
nIRQ
GPIO_0 and GPIO_1 both support an nIRQ function that indicates that an interrupt causing event
has occurred. The related event and status information, such as warnings about temperature and
voltages, over-current fault conditions or status changes at GPI ports, is available in the EVENT and
STATUS registers.
The nIRQ output is enabled via GPIO_1_PIN or GPIO_0_PIN.
nIRQ can be push-pull or open drain, selected via GPIO_1_TYPE or GPIO_0_TYPE, and can be
active LOW or active HIGH.
The EVENT registers hold information about the events that have occurred. Events are triggered by
a status change at the monitored signals. When an event bit is set the nIRQ signal is asserted,
unless this interrupt is masked by the appropriate in MASK register.
The masked bits only mask the nIRQ assertion, and do not suppress the event generation. The nIRQ
is not released until all event bits are cleared by writing a 1 to the appropriate EVENT register bits.
New events which have occurred during the reading of the EVENT register are held until the register
has been cleared; ensuring that host processor does not miss them.
10.2.2
nONKEY
The nONKEY pin can be configured via the NONKEY_MODE register. It can operate as a user
power button or as a level sensitive IC_EN pin, which allows the DA9313 state to be controlled from
the GPO of another device.
The nONKEY input port is always enabled to ensure that activities which should generate an
application wake-up or power down are always captured. The level of the debounced signal is
provided by the status flag nONKEY.
NOTE
The nONKEY port should be never externally overdriven to a voltage higher than VCORE.
10.2.2.1
Event Generation
In ACTIVE or SLEEP modes a press of nONKEY causes an IRQ assertion if not suppressed via the
interrupt mask M_nONKEY.
The event can be generated from either the rising or the falling edge of the nONKEY pin via
NONKEY_PIN setting:
0: An E_nONKEY event is generated when the debounced signal from port nONKEY goes low
(asserting edge). If not masked, an interrupt is signaled to the host via nIRQ.
1: An E_nONKEY event is generated when the debounced signal from port nONKEY goes high (de
asserting edge). If not masked, an interrupt is signaled to the host via nIRQ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com