Electronic Components Datasheet Search
  English  ▼

X  

DA9313 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # DA9313
Description  High Efficiency Dual Cell Switched Capacitor Divider
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9313 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button DA9313 Datasheet HTML 13Page - Renesas Technology Corp DA9313 Datasheet HTML 14Page - Renesas Technology Corp DA9313 Datasheet HTML 15Page - Renesas Technology Corp DA9313 Datasheet HTML 16Page - Renesas Technology Corp DA9313 Datasheet HTML 17Page - Renesas Technology Corp DA9313 Datasheet HTML 18Page - Renesas Technology Corp DA9313 Datasheet HTML 19Page - Renesas Technology Corp DA9313 Datasheet HTML 20Page - Renesas Technology Corp DA9313 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 55 page
background image
DA9313
High Efficiency Dual Cell Switched Capacitor Divider
Datasheet
Revision 3.6
16-Jun-2023
CFR0011-120-00
17 of 55
© 2023 Renesas Electronics
Parameter
Description
Conditions
Min
Typ
Max
Unit
VOL1
GPO_0-1, SDA,
Output LOW
voltage
@IOL = 1 mA
0.1
V
VOL3
SDA,
Output LOW
voltage
@IOL = 3 mA
0.24
V
VOL20
SDA
Output LOW
voltage
@IOL = 20 mA
0.4
V
CGPO_LOAD
GPO_0-1
Maximum
capacitive load
50
pF
CIN_I2C
CLK, SDA
Input capacitance
2.5
10
pF
tSP
CLK, SDA
Spike suppression
pulse width
Fast-mode / Fast-mode Plus
High-speed (Hs) mode
0
0
50
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com