Electronic Components Datasheet Search
  English  ▼

X  

DA9313 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # DA9313
Description  High Efficiency Dual Cell Switched Capacitor Divider
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9313 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button DA9313 Datasheet HTML 19Page - Renesas Technology Corp DA9313 Datasheet HTML 20Page - Renesas Technology Corp DA9313 Datasheet HTML 21Page - Renesas Technology Corp DA9313 Datasheet HTML 22Page - Renesas Technology Corp DA9313 Datasheet HTML 23Page - Renesas Technology Corp DA9313 Datasheet HTML 24Page - Renesas Technology Corp DA9313 Datasheet HTML 25Page - Renesas Technology Corp DA9313 Datasheet HTML 26Page - Renesas Technology Corp DA9313 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
DA9313
High Efficiency Dual Cell Switched Capacitor Divider
Datasheet
Revision 3.6
16-Jun-2023
CFR0011-120-00
23 of 55
© 2023 Renesas Electronics
10.1.2.1
Master Operation
In master operation, GPIO_0 operates as the master slave interface (MS_IF) and provides the PVC
phase and enable/disable sequencing controls from the master to the slave. The start-up time is
extended to ensure that the slave device completes the cold boot to POWER_DOWN mode
sequence. Once the slave device has entered POWER_DOWN Mode, the master device enters
ACTIVE Mode and GPIO_0 is configured as a push-pull GPO for use as a master/slave interface
(MS_IF).
After the master device has entered ACTIVE mode, the master PVC triggers the slave PVC over the
MS_IF. GPIO_1 is functional in the master and can be configured via I2C.
NOTE
All master IOs, GPIO_1 and I2C, are supplied from VCORE in master mode not VDDIO. Thus I2C
communications are only possible if host I2C IOs also run from a 4 V supply, or are externally level shifted.
10.1.2.2
Slave Operation
When the device is operating as slave, it goes directly to POWER_DOWN Mode. There is no
communication to the slave (slave I2C lines are grounded) and the master controls the slave PVC
directly via MS_IF.
10.2 Interface Functions
DA9313 incorporates two general purpose input/output pins (GPIOs) and a dual mode onkey
(nONKEY) pin. Functions are assigned to the GPIOs via GPIO_CTRL and GPIO_CTRL_2 registers
and to nONKEY via NONKEY_MODE in the MODE_CTRL register.
Table 12: GPIO Configuration Overview
GPIO
Input Functionality
Output Functionality
Alternative Functionality
GPIO_1
GPI (Note 1)
PVC_EN
SLEEP_EN
PWC
GPO (Note 1)
PG
nIRQ (Note 1)
Digital clock input (Ext_Clk_Inp)
SLAVE_ID
GPIO_0
GPI (Note 1)
PVC_EN
SLEEP_EN
PWC
GPO (Note 1)
PG
nIRQ (Note 1)
Master/slave control interface (MS_IF)
Note 1
Valid when I2C is enabled
10.2.1
GPIOs
A power good (PG) indicator can be routed to either GPIO for host power up sequencing. The power
voltage converter enable, disable, and status field, PVC_EN, can be controlled via I2C or GPI. The
system controller can also be moved to a configurable SLEEP mode via I2C or GPI control.
NOTE
When DA9313 is in master/slave mode all GPI’s must be referenced to VCORE.
10.2.1.1
PVC Enable
The PVC can be disabled by an external PMIC (supplied from a different rail to the DA9313 PVC
output). This function is only provided in ACTIVE Mode and SLEEP Mode when VDDIO_EN bit is
high.
Either GPIO_1 or GPIO_0 can be configured as a PVC_EN pin via the GPIO_CTRL register,
GPIO_1_PIN and GPIO_0_PIN. The PVC_EN pin controls the PVC_EN bit in the PVC_CTRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com