Electronic Components Datasheet Search
  English  ▼

X  

SN260 Datasheet(PDF) 59 Page - STMicroelectronics

Part # SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 55Page - STMicroelectronics SN260 Datasheet HTML 56Page - STMicroelectronics SN260 Datasheet HTML 57Page - STMicroelectronics SN260 Datasheet HTML 58Page - STMicroelectronics SN260 Datasheet HTML 59Page - STMicroelectronics SN260 Datasheet HTML 60Page - STMicroelectronics SN260 Datasheet HTML 61Page - STMicroelectronics SN260 Datasheet HTML 62Page - STMicroelectronics SN260 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 88 page
background image
SN260
EmberZNet serial protocol
59/88
Table 69.
stackStatusHandler
Name: stackStatusHandler
ID: 0x19
Description:
A callback invoked when the status of the stack changes. If the status parameter equals EMBER_NETWORK_UP,
then the getNetworkParameters command can be called to obtain the new network parameters. If any of the
parameters are being stored in nonvolatile memory by the Host, the stored values should be updated.
This frame is a response to the callback command.
Response parameters:
EmberStatus status
Stack status. One of the following: EMBER_NETWORK_UP,
EMBER_NETWORK_DOWN, EMBER_JOIN_FAILED,
EMBER_MOVE_FAILED
Table 70.
startScan
Name: startScan
ID: 0x1A
Description: This function will start a scan.
Command parameters:
EmberNetworkScanType scanType
Indicates the type of scan to be performed. Possible values:
EMBER_ENERGY_SCAN, EMBER_ACTIVE_SCAN.
int32u channelMask
Bits set as 1 indicate that this particular channel should be scanned. Bits
set to 0 indicate that this particular channel should not be scanned. For
example, a channelMask value of 0x00000001 would indicate that only
channel 0 should be scanned. Valid channels range from 11 to 26 inclusive.
This translates to a channel mask value of 0x07FFF800.
int8u duration
Sets the exponent of the number of scan periods, where a scan period is
960 symbols. The scan will occur for ((2^duration) + 1) scan periods.
Response parameters:
EmberStatus status
EMBER_SUCCESS signals that the scan successfully started. Possible
error responses and their meanings: EMBER_MAC_SCANNING, we are
already scanning; EMBER_MAC_JOINED_NETWORK, we are currently
joined to a network and can not begin a scan;
EMBER_MAC_BAD_SCAN_DURATION, we have set a duration value that
is not 0..14 inclusive; EMBER_MAC_INCORRECT_SCAN_TYPE, we have
requested an undefined scanning type;
EMBER_MAC_INVALID_CHANNEL_MASK, our channel mask did not
specify any valid channels.
Table 71.
energyScanResultHandler
Name: energyScanResultHandler
ID: 0x48
Description:
Reports the result of an energy scan for a single channel. The scan is not complete until the
scanCompleteHandler
callback is called.
This frame is a response to the callback command.
Response parameters:
int8u channel
The 802.15.4 channel number that was scanned.
int8u maxRssiValue
The maximum RSSI value found on the channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com