Electronic Components Datasheet Search
  English  ▼

X  

SN260 Datasheet(PDF) 66 Page - STMicroelectronics

Part # SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 62Page - STMicroelectronics SN260 Datasheet HTML 63Page - STMicroelectronics SN260 Datasheet HTML 64Page - STMicroelectronics SN260 Datasheet HTML 65Page - STMicroelectronics SN260 Datasheet HTML 66Page - STMicroelectronics SN260 Datasheet HTML 67Page - STMicroelectronics SN260 Datasheet HTML 68Page - STMicroelectronics SN260 Datasheet HTML 69Page - STMicroelectronics SN260 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 88 page
background image
EmberZNet serial protocol
SN260
66/88
getBinding
Table 93.
getBinding
Name: getBinding
ID: 0x2C
Description: Gets an entry from the binding table.
Command parameters:
int8u index
The index of a binding table entry.
Response parameters:
EmberStatus status
An EmberStatus value indicating success or the reason for failure.
EmberBindingTableEntry value
The contents of the binding entry.
Table 94.
deleteBinding
Name: deleteBinding
ID: 0x2D
Description: Deletes a binding table entry.
Command parameters:
int8u index
The index of a binding table entry.
Response parameters:
EmberStatus status
An EmberStatus value indicating success or the reason for failure.
Table 95.
bindingIsActive
Name: bindingIsActive
ID: 0x2E
Description:
Indicates whether a binding table entry is active—that is, whether a connection to it is open or any messages are en
route from it. Note that this command does not indicate whether a binding is clear. To determine whether a binding
is clear, check whether the type field of the EmberBindingTableEntry has the value EMBER_UNUSED_BINDING.
Command parameters:
int8u index
The index of a binding table entry.
Response parameters:
boolean active
True if the binding table entry is active. False if the binding table entry is not
active.
Table 96.
getBindingDestinationNodeId
Name:
getBindingDestinationNodeId
ID: 0x2F
Description:
Returns the node ID for the binding's destination, if the ID is known. If a message is sent using the binding and the
destination's ID is not known, the stack will discover the ID by broadcasting a ZDO address request. The application
can avoid the need for this discovery by using setBindingDestinationNodeId when it knows the correct ID via
some other means. The destination's node ID is forgotten when the binding is changed, when the local node
reboots or, much more rarely, when the destination node changes its ID in response to an ID conflict.
Command parameters:
int8u index
The index of a binding table entry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com