Electronic Components Datasheet Search
  English  ▼

X  

SN260 Datasheet(PDF) 69 Page - STMicroelectronics

Part # SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 65Page - STMicroelectronics SN260 Datasheet HTML 66Page - STMicroelectronics SN260 Datasheet HTML 67Page - STMicroelectronics SN260 Datasheet HTML 68Page - STMicroelectronics SN260 Datasheet HTML 69Page - STMicroelectronics SN260 Datasheet HTML 70Page - STMicroelectronics SN260 Datasheet HTML 71Page - STMicroelectronics SN260 Datasheet HTML 72Page - STMicroelectronics SN260 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 88 page
background image
SN260
EmberZNet serial protocol
69/88
int8u messageTag
The value supplied by the Host in the emberSendUnicast command.
EmberStatus status
An EmberStatus value indicating success or the reason for failure.
int8u messageLength
The length of the messageContents parameter in bytes.
int8u[] messageContents
The unicast message supplied by the Host. The message contents are only
included here if the decision for the messageContentsInCallback
policy is messageTagAndContentsInCallback.
Table 102.
unicastSent (continued)
Table 103.
sendBroadcast
Name: sendBroadcast
ID: 0x36
Description: Sends a broadcast message as per the ZigBee specification.
Command parameters:
EmberApsFrame apsFrame
The APS frame for the message.
int8u radius
The message will be delivered to all nodes within radius hops of the
sender. A radius of zero is converted to EMBER_MAX_HOPS.
int8u messageTag
Reserved for future use. This value is ignored by the SN260.
int8u messageLength
The length of the messageContents parameter in bytes.
int8u[] messageContents
The broadcast message.
Response parameters:
EmberStatus status
An EmberStatus value indicating success or the reason for failure.
Table 104.
sendDatagram
Name: sendDatagram
ID: 0x37
Description:
Sends a datagram to the node and endpoint specified in a binding table entry. The status of the delivery will be
reported by a messageSent callback.
Command parameters:
int8u bindingTableIndex
The index of the binding table entry.
int8u clusterId
The cluster ID to use.
int8u messageTag
A value chosen by the Host. This value is used in the
emberCancelMessage
command and the emberMessageSent
response to refer to this message.
int8u messageLength
The length of the messageContents parameter in bytes.
int8u[] messageContents
The datagram message.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88