Electronic Components Datasheet Search
  English  ▼

X  

SN260 Datasheet(PDF) 72 Page - STMicroelectronics

Part # SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 68Page - STMicroelectronics SN260 Datasheet HTML 69Page - STMicroelectronics SN260 Datasheet HTML 70Page - STMicroelectronics SN260 Datasheet HTML 71Page - STMicroelectronics SN260 Datasheet HTML 72Page - STMicroelectronics SN260 Datasheet HTML 73Page - STMicroelectronics SN260 Datasheet HTML 74Page - STMicroelectronics SN260 Datasheet HTML 75Page - STMicroelectronics SN260 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 88 page
background image
EmberZNet serial protocol
SN260
72/88
Response parameters:
int8u bindingTableIndex
The index of the binding table entry whose connection status has changed.
EmberStatus status
An EmberStatus value:
EMBER_CONNECTION_OPEN: A sequenced connection has
successfully been established for the binding. It may have been initiated
locally or remotely.
EMBER_CONNECTION_CLOSING: The sequenced connection for the
binding is being closed gracefully. The close may have been initiated locally
or remotely. As soon as the disposition of all in-flight messages has been
resolved the connection will be completely closed (and the
EMBER_CONNECTION_CLOSED status will be reported).
EMBER_CONNECTION_CLOSED: The sequenced connection has been
successfully closed. The disposition of every message sent over the
connection has already been reported (via the various callbacks). There
will be no further message related callbacks.
EMBER_CONNECTION_FAILED: The sequenced connection has been
closed unexpectedly. If there were messages in-flight their disposition will
never be known or reported via callbacks. This error may be reported
during the opening of a connection, while a connection is established or
during the closing of a connection.
EMBER_INCOMING_SEQUENCED_MESSAGES_LOST: One or more
sequenced messages have not been received on the connection and it has
been determined they will never be received.
Table 109.
connectionStatusHandler (continued)
Table 110.
sendSequenced
Name: sendSequenced
ID: 0x3D
Description: Sends a sequenced message over the connection associated with a specified binding table entry.
command parameters:
int8u bindingTableIndex
The index of the binding table entry specifying the message destination.
int8u clusterId
The cluster ID to use.
int8u messageTag
A value chosen by the Host. This value is used in the
emberCancelMessage
command and the emberMessageSent
response to refer to this message.
int8u messageLength
The length of the messageContents parameter in bytes.
int8u[] messageContents
The sequenced message.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com