Electronic Components Datasheet Search
  English  ▼

X  

SN260 Datasheet(PDF) 26 Page - STMicroelectronics

Part # SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 22Page - STMicroelectronics SN260 Datasheet HTML 23Page - STMicroelectronics SN260 Datasheet HTML 24Page - STMicroelectronics SN260 Datasheet HTML 25Page - STMicroelectronics SN260 Datasheet HTML 26Page - STMicroelectronics SN260 Datasheet HTML 27Page - STMicroelectronics SN260 Datasheet HTML 28Page - STMicroelectronics SN260 Datasheet HTML 29Page - STMicroelectronics SN260 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 88 page
background image
SPI protocol
SN260
26/88
Figure 6.
SPI protocol timing waveform
Table 14 lists the timing parameters of the SPI protocol. These parameters are illustrated in
Figure 6.
6.4
Data format
The data format, also referred to as a command, is the same for both the Command section
and the Response section. The data format of the SPI Protocol is straightforward, as
illustrated in Figure 7.
Figure 7.
SPI protocol data format
The total length of a command must not exceed 128 bytes.
All commands must begin with the SPI Byte. Some commands are only two bytes—that is,
they contain the SPI Byte and Frame Terminator only.
Table 14.
SPI protocol timing parameters
Parameter
Description
Min.
Typ.
Max.
Unit
t1 (a)
Wake handshake, while 260 is awake
133
150
s
t1 (b)
Wake handshake, while 260 is asleep
7.3
10
ms
t2
Wake handshake finish
1.1
1.2
25
s
t3
Reset pulse width
8
s
t4
Startup time
250
1500
ms
t5
nHOST_INT de-asserting after Command
13
35
75
s
t6
Clock rate
200
ns
t7
Wait section
25
755
200000
s
t8
nHOST_INT de-asserting after Response
20
130
800
s
t9
nHOST_INT asserting after transaction
25
70
800
s
t10
Inter-command spacing
1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com