Electronic Components Datasheet Search
  English  ▼

X  

SN260 Datasheet(PDF) 75 Page - STMicroelectronics

Part # SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 71Page - STMicroelectronics SN260 Datasheet HTML 72Page - STMicroelectronics SN260 Datasheet HTML 73Page - STMicroelectronics SN260 Datasheet HTML 74Page - STMicroelectronics SN260 Datasheet HTML 75Page - STMicroelectronics SN260 Datasheet HTML 76Page - STMicroelectronics SN260 Datasheet HTML 77Page - STMicroelectronics SN260 Datasheet HTML 78Page - STMicroelectronics SN260 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 88 page
background image
SN260
EmberZNet serial protocol
75/88
Response parameters:
EmberStatus status
An EmberStatus value:
EMBER_SUCCESS: Data was received in response to the poll.
EMBER_MAC_NO_DATA: No data was pending.
EMBER_DELIVERY_FAILED: The poll message could not be sent.
EMBER_MAC_NO_ACK_RECEIVED: The poll message was sent but not
acknowledged by the parent.
Table 116.
pollCompleteHandler (continued)
Table 117.
pollHandler
Name: pollHandler
ID: 0x44
Description: Indicates that the local node received a data poll from a child.
This frame is a response to the callback command.
Response parameters:
EmberNodeId childId
The node ID of the child that is requesting data.
Table 118.
incomingMessageHandler
Name: incomingMessageHandler
ID: 0x45
Description: A callback indicating a message has been received.
This frame is a response to the callback command.
Response parameters:
EmberIncomingMessageType type
The type of the incoming message. One of the following:
EMBER_INCOMING_DATAGRAM,
EMBER_INCOMING_DATAGRAM_REPLY,
EMBER_INCOMING_SEQUENCED,
EMBER_INCOMING_MULTICAST,
EMBER_INCOMING_SHARED_MULTICAST,
EMBER_INCOMING_MULTICAST_LOOPBACK,
EMBER_INCOMING_UNICAST,
EMBER_INCOMING_BROADCAST
EmberApsFrame apsFrame
The APS frame from the incoming message.
int8u lastHopLqi
The link quality from the node that last relayed the message.
int8s lastHopRssi
The energy level (in units of dBm) observed during the reception.
EmberNodeId sender
The sender of the message.
int8u bindingIndex
The index of a binding that matches the message or 0xFF if there is no
matching binding.
int8u datagramReplyTag
If the incoming message is a datagram and the Host wishes to send a
reply, this value must be supplied to the emberSendReply command.
int8u messageLength
The length of the messageContents parameter in bytes.
int8u[] messageContents
The incoming message.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com