Electronic Components Datasheet Search
  English  ▼

X  

SN260 Datasheet(PDF) 62 Page - STMicroelectronics

Part # SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 58Page - STMicroelectronics SN260 Datasheet HTML 59Page - STMicroelectronics SN260 Datasheet HTML 60Page - STMicroelectronics SN260 Datasheet HTML 61Page - STMicroelectronics SN260 Datasheet HTML 62Page - STMicroelectronics SN260 Datasheet HTML 63Page - STMicroelectronics SN260 Datasheet HTML 64Page - STMicroelectronics SN260 Datasheet HTML 65Page - STMicroelectronics SN260 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 88 page
background image
EmberZNet serial protocol
SN260
62/88
Command parameters:
EmberNodeType nodeType
Specification of the role that this node will have in the network. This role
must not be EMBER_COORDINATOR. To be a coordinator, use the
scanAndformNetwork
command.
int32u channelMask
Bits set as 1 indicate that this particular channel should be scanned. Bits
set to 0 indicate that this particular channel should not be scanned. For
example, a channelMask value of 0x00000001 would indicate that only
channel 0 should be scanned. Valid channels range from 11 to 26 inclusive.
This translates to a channel mask value of 0x07FFF800.
int8s radioTxPower
A power setting, in dBm.
boolean joinSecurely
If true, the node uses the current key to secure messages during the joining
process. The proper value for secured networks depends upon their
configuration. Some networks use unsecured joining and distribute the key
from the coordinator. Other networks require secure joining and accept only
nodes that know the correct key. This value has no effect if the security
level is 0.
Response parameters: None
Table 78.
scanAndJoinNetwork (continued)
Table 79.
scanErrorHandler
Name: scanErrorHandler
ID: 0x51
Description: This callback is invoked if an error occurs while attempting to scanAndFormNetwork or
scanAndJoinNetwork
.
This frame is a response to the callback command.
Response parameters:
EmberStatus status
An EmberStatus value indicating the reason for the scanAndFormNetwork
or scanAndJoinNetwork failure.
Table 80.
leaveNetwork
Name: leaveNetwork
ID: 0x20
Description: Causes the stack to leave the current network. This generates a stackStatusHandler callback to
indicate that the network is down. The radio will not be used until after sending a formNetwork or joinNetwork
command.
Command parameters: None
Response parameters:
EmberStatus status
An EmberStatus value indicating success or the reason for failure.
Table 81.
mobileNodeHasMoved
Name: mobileNodeHasMoved
ID: 0x21
Description:
Informs the stack that contact with the network has been lost. Only devices that are joined to a network with a node
type of EMBER_MOBILE_END_DEVICE may call this function. This generates a stackStatusHandler callback
to indicate that the network is down. The stack will try to re-establish contact with the network. A second
stackStatusHandler
callback indicates either the success or the failure of the attempt.
Command parameters: None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com