Electronic Components Datasheet Search
  English  ▼

X  

SN260 Datasheet(PDF) 68 Page - STMicroelectronics

Part # SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 64Page - STMicroelectronics SN260 Datasheet HTML 65Page - STMicroelectronics SN260 Datasheet HTML 66Page - STMicroelectronics SN260 Datasheet HTML 67Page - STMicroelectronics SN260 Datasheet HTML 68Page - STMicroelectronics SN260 Datasheet HTML 69Page - STMicroelectronics SN260 Datasheet HTML 70Page - STMicroelectronics SN260 Datasheet HTML 71Page - STMicroelectronics SN260 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 88 page
background image
EmberZNet serial protocol
SN260
68/88
7.3.8
Messaging frames
Table 100.
maximumPayloadLength
Name: maximumPayloadLength
ID: 0x33
Command parameters: None
Response parameters:
int8u apsLength
The maximum APS payload length.
int8u transportLength
The maximum transport payload length.
Table 101.
sendUnicast
Name: sendUnicast
ID: 0x34
Description:
Sends a unicast message as per the ZigBee specification. The message will arrive at its destination only if there is
a known route to the destination node. Setting the ENABLE_ROUTE_DISCOVERY option will cause a route to be
discovered if none is known. Setting the FORCE_ROUTE_DISCOVERY option will force route discovery. Routes to
end-device children of the local node are always known. Setting the APS_RETRY option will cause the message to
be retransmitted until either a matching acknowledgement is received or three transmissions have been made. The
ZigBee APS retry mechanism does not use sequence numbers. If multiple messages are sent to the same
destination at the same time any acknowledgement from that node will stop transmission of all outstanding
messages.
Note: Using the FORCE_ROUTE_DISCOVERY option will cause the first transmission to be consumed by a route
request as part of discovery, so the application payload of this packet will not reach its destination on the first
attempt. If you want the packet to reach its destination, the APS_RETRY option must be set so that another attempt
is made to transmit the message with its application payload after the route has been constructed.
Command parameters:
EmberNodeId destination
The node ID to which the message will be sent.
EmberApsFrame apsFrame
The APS frame for the message.
int8u messageTag
A value chosen by the Host. This value is used in the emberUnicastSent
response to refer to this message.
int8u messageLength
The length of the messageContents parameter in bytes.
int8u[] messageContents
The unicast message.
Response parameters:
EmberStatus status
An EmberStatus value indicating success or the reason for failure.
Table 102.
unicastSent
Name: unicastSent
ID: 0x35
Description:
A callback indicating the stack has completed sending a non-transport unicast message. Except for the status
value, the parameters are identical to those of the sendUnicast command used to send the message.
This frame is a response to the callback command.
Response parameters:
EmberNodeId destination
The node ID to which the message was be sent.
EmberApsFrame apsFrame
The APS frame for the message.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com