Electronic Components Datasheet Search
  English  ▼

X  

SN260 Datasheet(PDF) 27 Page - STMicroelectronics

Part # SN260
Description  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 23Page - STMicroelectronics SN260 Datasheet HTML 24Page - STMicroelectronics SN260 Datasheet HTML 25Page - STMicroelectronics SN260 Datasheet HTML 26Page - STMicroelectronics SN260 Datasheet HTML 27Page - STMicroelectronics SN260 Datasheet HTML 28Page - STMicroelectronics SN260 Datasheet HTML 29Page - STMicroelectronics SN260 Datasheet HTML 30Page - STMicroelectronics SN260 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 88 page
background image
SN260
SPI protocol
27/88
The Length Byte is only included if there is information in the EZSP Frame (EmberZNet
Serial Protocol Frame) and the Length Byte defines the length of just the EZSP Frame.
Therefore, if a command includes an EZSP Frame, the Length Byte can have a value from 2
through 125 and the overall command size will be 5 through 128 bytes. The SPI Byte can be
a specific value indicating if there is an EZSP Frame or not, and if there is an EZSP Frame,
then the Length Byte can be expected.
The Error Byte is used by the error responses to provide additional information about the
error and appears in place of the length byte. This additional information is described in the
following sections.
The EZSP Frame contains the data needed for operating EmberZNet. The EZSP Frame and
its format are explained in Section 7: EmberZNet serial protocol on page 34.
The Frame Terminator is a special control byte used to mark the end of a command. The
Frame Terminator byte is defined as 0xA7 and is appended to all Commands and
Responses immediately after the final data byte. The purpose of the Frame Terminator is to
provide a known byte the SPI Protocol can use to detect a corrupt command. For example, if
the SN260 resets during the Response Section, the Host will still clock out the correct
number of bytes. But when the host attempts to verify the value 0xA7 at the end of the
Response, it will see either the value 0x00 or 0xFF and know that the SN260 just reset and
the corrupt Response should be discarded.
Note:
The Length Byte only specifies the length of the EZSP Frame. It does not include the Frame
Terminator.
6.5
SPI byte
Table 15 lists the possible commands and their responses in the SPI Byte.
Table 15.
SPI commands & responses
Command
value
Command
Response
value
Response
Any
Any
0x00
SN260 reset occurred—This is never used in another response; it
always indicates an SN260 Reset.
Any
Any
0x01
Oversized EZSP Frame received—This is never used in another
response; it always indicates an overflow occurred.
Any
Any
0x02
Aborted Transaction occurred—This is never used in another
response; it always indicates an aborted transaction occurred.
Any
Any
0x03
Missing Frame Terminator—This is never used in another
response; it always indicates a missing frame terminator in the
command.
Any
Any
0x04
Reserved
0x00 – 0x0F
Reserved
[none]
[none]
0x0A
SPI Protocol
Version
0x81 – 0xBF
bit[7] is always set. bit[6] is always cleared. bit[5:0] is a number
from 1–63.
0x0B
SPI Status
0xC0 – 0xC1 bit[7] is always set. bit[6] is always set. bit[0]—Set if Alive.
0xF0 – 0xFD
Reserved
[none]
[none]
0xFE
EZSP Frame
0xFE
EZSP frame
0xFF
Invalid
0xFF
Invalid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com