Electronic Components Datasheet Search
  English  ▼

X  

AFE3010 Datasheet(PDF) 16 Page - Texas Instruments

Part # AFE3010
Description  AFE3010 Ground Fault Circuit Interrupter (GFCI) With Self-Test and Neutral-Ground Fault Detection
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE3010 Datasheet(HTML) 16 Page - Texas Instruments

Back Button AFE3010 Datasheet HTML 12Page - Texas Instruments AFE3010 Datasheet HTML 13Page - Texas Instruments AFE3010 Datasheet HTML 14Page - Texas Instruments AFE3010 Datasheet HTML 15Page - Texas Instruments AFE3010 Datasheet HTML 16Page - Texas Instruments AFE3010 Datasheet HTML 17Page - Texas Instruments AFE3010 Datasheet HTML 18Page - Texas Instruments AFE3010 Datasheet HTML 19Page - Texas Instruments AFE3010 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
SW_OPEN
ALARM
SCR
Fault Counter Reset
3
1
2
4
5
6
Debounce Time, td2
Debounce Time, td3
16
AFE3010
SBFS042 – JUNE 2020
www.ti.com
Product Folder Links: AFE3010
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Application Information (continued)
8.1.2.1 No Self-Test Fail Event
If there is no self-test failure event, the ALARM is turned on without blinking when the SW_OPEN signal goes
from high to low. Figure 13 describes the sequence of events.
Figure 13. ALARM With SW_OPEN Transition to Low. No Self-Test Failure.
1. The SW_OPEN signal transitions from high to low.
2. After a debounce time to ensure there is no false transition, the device fires the SCR.
3. The internal fault counter resets.
4. The ALARM turns on.
5. The SW_OPEN signal transitions low to high.
6. After a debounce time to ensure there is no false transition, the ALARM turns off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com