Electronic Components Datasheet Search
  English  ▼

X  

AFE3010 Datasheet(PDF) 11 Page - Texas Instruments

Part # AFE3010
Description  AFE3010 Ground Fault Circuit Interrupter (GFCI) With Self-Test and Neutral-Ground Fault Detection
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE3010 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AFE3010 Datasheet HTML 7Page - Texas Instruments AFE3010 Datasheet HTML 8Page - Texas Instruments AFE3010 Datasheet HTML 9Page - Texas Instruments AFE3010 Datasheet HTML 10Page - Texas Instruments AFE3010 Datasheet HTML 11Page - Texas Instruments AFE3010 Datasheet HTML 12Page - Texas Instruments AFE3010 Datasheet HTML 13Page - Texas Instruments AFE3010 Datasheet HTML 14Page - Texas Instruments AFE3010 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
11
AFE3010
www.ti.com
SBFS042 – JUNE 2020
Product Folder Links: AFE3010
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
7.3.7 Self-Test Function
The AFE3010 performs two different types of self-tests: periodic self-test and continuous self-test.
7.3.7.1 Periodic Self-Test
At system power up, the self-test starts after 60 cycles of power line signal, and retests within 60 cycles if the first
self-test fails. Five consecutive self-test fails drive the SCR and assert the ALARM signal blinking at 1-second
intervals (for 60-Hz systems). After the first self-test pass, the device fires ALARM for 250-ms period to indicate
the successful pass of the first self-test. During normal operating conditions, the self-test repeats every 180
cycles. Figure 10 shows the periodic self-test sequences and decision blocks. The device requires one cycle
from the AC power line to complete the periodic self-tests listed below:
1. Ground Fault Test: the AFE3010 generates a fault current through the FT pin. The device reads a test pass if
the AFE3010 detects the fault current through the transformer. If the fault current is not detected, the device
reads a test fail. This fail event triggers another self-test within next 60 cycles. After five consecutive fails, the
AFE3010 fires the SCR and sets the ALARM blinking at 1-s intervals (for 60-Hz systems). The ground fault
test covers the integrity check of the transformer, fault current generator components, feedback resistors,
and the AFE3010 fault detection circuits.
2. SCR Integrity Test: The AFE3010 performs SCR integrity test after completing the ground fault test. The
device induces a SCR anode signal transition with the help of SCR_TST pin. If the SCR anode signal low
transition is not detected, the AFE3010 reads a test fail. This fail event triggers another self-test within next
60 cycles. After five consecutive fails it fires the SCR and sets ALARM blinking at 1-s intervals (for 60-Hz
systems).
7.3.7.2 Continuous Self-Test
The AFE3010 performs the following continuous mode self-tests. If any of these tests fail, the device does not
wait to perform another self-test. Rather, the AFE3010 immediately fires the SCR and sets the ALARM blinking
as 1-s intervals (for 60-Hz systems).
1. Open Solenoid Test: The AFE3010 checks for transition of AC line signal at the PH and SCR_TST pins. If
the device does not detect a transition of the line signal at PH or SCR_TST pins for approximately 100 ms,
then the device reads a self-test fail.
2. Diode Bridge Test: if a diode is shorted in the diode bridge rectifier, the device is able to detect the variation
in supply current from the diode bridge. This detection is considered a self-test fail, and the AFE3010 fires
the SCR and sets the ALARM blinking at 1-s intervals (for 60-Hz systems).
3. Amplifier Short/ Open: The device monitors for sustained fault current conditions, even after the fault current
has been detected and SCR has fired. The primary purpose of this self-test is to detect a single-point failure
with the amplifier signal pins and associated components. If a failure is detected, the device fires SCR one
more time and LED starts blinking. In the event the load switch doesn't open after SCR is fired, this self-test
recognizes a failure and starts the LED blinking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com